công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8317IDGKR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8317IDGKR
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDGKR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8317IDGKR Datasheet HTML 2Page - Texas Instruments ADS8317IDGKR Datasheet HTML 3Page - Texas Instruments ADS8317IDGKR Datasheet HTML 4Page - Texas Instruments ADS8317IDGKR Datasheet HTML 5Page - Texas Instruments ADS8317IDGKR Datasheet HTML 6Page - Texas Instruments ADS8317IDGKR Datasheet HTML 7Page - Texas Instruments ADS8317IDGKR Datasheet HTML 8Page - Texas Instruments ADS8317IDGKR Datasheet HTML 9Page - Texas Instruments ADS8317IDGKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS: VDD = +2.7V (continued)
At –40
°C to +85°C, V
REF = +1.25V, –IN = 1.25V, fSAMPLE = 200kHz, and fCLK = 24 × fSAMPLE, unless otherwise noted.
ADS8317I
ADS8317IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DIGITAL INPUTS(1)
Logic family
LVCMOS
LVCMOS
High-level input voltage
VIH VDD = 3.6V
2
VDD + 0.3
2
VDD + 0.3
V
Low-level input voltage
VIL VDD = 2.7V
–0.3
0.8
–0.3
0.3
× V
DD
V
Input current
IIN VI = VDD or GND
–50
+50
–50
+50
nA
Input capacitance
CI
5
5
pF
DIGITAL OUTPUTS(1)
Logic family
LVCMOS
LVCMOS
High-level output voltage
VOH VDD = 2.7V, IOH = –100A
VDD – 0.2
VDD – 0.2
V
Low-level output voltage
VOL VDD = 2.7V, IOL = 100A
0.2
0.2
V
High-impedance state output
IOZ CS = VDD, VI = VDD or GND
–50
+50
–50
+50
nA
current
Output capacitance
CO
5
5
pF
Load capacitance
CL
30
30
pF
Data format
Binary twos complement
Binary twos complement
(1)
Applies for 5.0V nominal supply: VDD (min) = 2.7V and VDD (max) = 3.6V.
At –40
°C to +85°C, –IN = GND, and f
DCLOCK = 24 × fSAMPLE, unless otherwise noted.
ADS8317I
ADS8317IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Low-voltage levels
2.7
3.6
2.7
3.6
V
Power supply
VDD
5V logic levels
4.5
5.5
4.5
5.5
V
VDD = 2.7V, fS = 10kHz,
0.065
0.085
0.065
0.085
mA
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 100kHz,
0.7
1.0
0.7
1.0
mA
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 200kHz,
Operating supply current
IDD
1.4
2.0
1.4
2.0
mA
fDCLOCK = 4.8MHz
VDD = 5V, fS = 200kHz,
1.5
2.5
1.5
2.5
mA
fDCLOCK = 6MHz
VDD = 5V, fS = 250kHz,
2.0
3.0
2.0
3.0
mA
fDCLOCK = 6MHz
VDD = 2.7V
0.1
0.1
μA
Power-down supply current
IDD
VDD = 5V
0.2
0.2
μA
VDD = 2.7V, fS = 10kHz,
0.18
0.23
0.18
0.23
mW
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 100kHz,
1.9
2.7
1.9
2.7
mW
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 200kHz,
Power dissipation
3.8
5.4
3.8
5.4
mW
fDCLOCK = 4.8MHz
VDD = 5V, fS = 200kHz,
7.5
12.5
7.5
12.5
mW
fDCLOCK = 6MHz
VDD = 5V, fS = 250kHz,
10
15
10
15
mW
fDCLOCK = 6MHz
VDD = 2.7V, CS = VDD
0.3
0.3
μW
Power dissipation in power-down
VDD = 5V, CS = VDD
0.6
0.6
μW
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317


Số phần tương tự - ADS8317IDGKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8317 TI1-ADS8317 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8317IDGKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com