công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74TVC3010DWG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
SN74TVC3010DWG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 19 page SN74TVC3010 10-BIT VOLTAGE CLAMP SCDS088G – APRIL 1999 – REVISED AUGUST 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 application operating conditions (see Figure 3) MIN TYP MAX UNIT VBIAS BIAS voltage VREF + 0.6 2.1 5 V VGATE GATE voltage VREF + 0.6 2.1 5 V VREF Reference voltage 0 1.5 4.4 V VDPU Drain pullup voltage 2.36 2.5 2.64 V IPASS Pass-transistor current 14 mA IREF Reference-transistor current 5 µA TA Operating free-air temperature –40 85 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VBIAS = 0, II = –18 mA –1.2 V VOL IREF = 5 mA, VDPU = 2.625 V, VREF = 1.365 V, RDPU = 150 Ω VS = 0.175 V, See Figure 1 350 mV Ci(GATE) VI = 3 V or 0 24 pF Cio(off) VO = 3 V or 0 4 12 pF Cio(on) VO = 3 V or 0 12 30 pF ron‡ IREF = 5 mA, VDPU = 2.625 V, VREF = 1.365 V, RDPU = 150 Ω VS = 0.175 V, See Figure 1 12.5 Ω † All typical values are at TA = 25°C. ‡ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lowest voltage of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range, VDPU = 2.36 V to 2.64 V (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX UNIT tPLH A or B B or A 0 4 ns tPHL A or B B or A 0 4 ns |
Số phần tương tự - SN74TVC3010DWG4 |
|
Mô tả tương tự - SN74TVC3010DWG4 |