công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC78H89CIMT bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC78H89CIMT
Giải thích chi tiết về linh kiện  7-Channel, 500 KSPS, 12-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC78H89CIMT bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  ADC78H89CIMT Datasheet HTML 1Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 2Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 3Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 4Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 5Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 6Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC78H89CIMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Block Diagram
20061607
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
5 - 11
AIN1 to AIN7
Analog inputs. These signals can range from 0V to AV
DD.
2NC
This pin is not connected internally, and can be left floating,
or tied to ground.
DIGITAL I/O
16
SCLK
Digital clock input. The range of frequencies for this input is
50 kHz to 8 MHz, with guaranteed performance at 8 MHz.
This clock directly controls the conversion and readout
processes.
15
DOUT
Digital data output. The output samples are clocked out of this
pin on falling edges of the SCLK pin.
14
DIN
Digital data input. The ADC78H89’s Control Register is
loaded through this pin on rising edges of the SCLK pin.
1CS
Chip select. On the falling edge of CS, a conversion process
begins. Conversions continue as long as CS is held low.
POWER SUPPLY
3AV
DD
Positive analog supply pin. This pin should be connected to a
quiet +2.7V to +5.25V source and bypassed to GND with 0.1
µF ceramic monolithic and 1 µF tantalum capacitors located
within 1 cm of the power pin.
13
DV
DD
Positive digital supply pin. This pin should be connected to a
+2.7V to AV
DD supply, and bypassed to GND with a 0.1 µF
ceramic monolithic capacitor located within 1 cm of the power
pin.
4, 12
GND
The ground return for both analog and digital supplies. These
pins are tied directly together internally, so must be connected
to the same potential. If any potential exists across these
pins, large currents will flow through the device.
www.national.com
2


Số phần tương tự - ADC78H89CIMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89CIMT TI1-ADC78H89CIMT Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMT/NOPB TI1-ADC78H89CIMT/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC78H89CIMTX NSC-ADC78H89CIMTX Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89CIMTX TI1-ADC78H89CIMTX Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC78H89CIMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89 TI1-ADC78H89_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
   4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com