công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3A44159RGTRG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
TS3A44159RGTRG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 29 page www.ti.com Electrical Characteristics for 4.3-V Supply (1) TS3A44159 0.45- Ω QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS SCDS225 – MARCH 2007 T A = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, 0 V+ Ω range VNO, VNC 25 °C 0.3 0.45 ON-state VNO or VNC = 2.5 V, Switch ON, ron 4.3 V Ω resistance ICOM = –100 mA, See Figure 17 Full 0.5 ON-state 25 °C 0.05 0.07 VNO or VNC = 2.5 V, Switch ON, resistance match ∆r on 4.3 V Ω ICOM = –100 mA, See Figure 17 Full 0.1 between channels ON-state VNO or VNC = 1 V, 25 °C 0.02 0.1 Switch ON, resistance ron(flat) 1.5 V, 2.5 V, 4.3 V Ω See Figure 18 Full 0.1 flatness ICOM = –100 mA, VNO or VNC = 0.3 V, 25 °C –20 5 20 NC, NO VCOM = 3.0 V, INO(OFF), OFF leakage or See Figure 18 4.3 V nA INC(OFF) Full –90 90 current VNO or VNC = 3.0 V, VCOM = 0.3 V, VNO or VNC = 0.3 V, 25 °C –20 5 20 NC, NO VCOM = Open, INO(ON), ON leakage or See Figure 19 4.3 V nA INC(ON) Full –90 90 current VNO or VNC = 3.0 V, VCOM = Open, VNO or VNC = Open, 25 °C –20 5 20 COM VCOM = 0.3 V, ON leakage ICOM(ON) or See Figure 19 4.3 V nA Full –90 90 current VNO or VNC = Open, VCOM = 3.0 V, Digital Control Inputs (IN1-2, IN3-4)(2) Input logic high VIH Full 4.3 V 1 4.3 V Input logic low VIL Full 4.3 V 0 0.4 V 25 °C 0.5 10 Input leakage IIH, IIL VIN = 3.6 V or 0 4.3 V nA current Full 50 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 Submit Documentation Feedback |
Số phần tương tự - TS3A44159RGTRG4 |
|
Mô tả tương tự - TS3A44159RGTRG4 |