công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3A44159RSVR bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
TS3A44159RSVR bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 29 page www.ti.com TS3A44159 0.45- Ω QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS SCDS225 – MARCH 2007 Electrical Characteristics for 4.3-V Supply (continued) T A = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25 °C 17 23 VCOM = V+, Turn-on time tON CL = 35 pF 4.3 V ns RL = 50 Ω, Full 25 25 °C 12 32 VCOM = V+, Turn-off time tOFF CL = 35 pF 4.3 V ns RL = 50 Ω, Full 35 25 °C 2 9 30 Break-before-make VNC = VNO = V+, tBBM CL = 35 pF 4.3 V ns time RL = 50 Ω, Full 1 35 VGEN = 0, Charge injection QC CL = 1 nF 25 °C 4.3 V 139 pC RGEN = 0, NC, NO VNC or VNO = V+ or CNC(OFF), off GND, See Figure 17 25 °C 4.3 V 50 pF CNO(OFF) capacitance Switch OFF, VNC or VNO = V+ or NC, NO CNC(ON), GND, See Figure 17 25 °C 4.3 V 160 pF ON capacitance CNO(ON) Switch OFF, COM VCOM = V+ or GND, CCOM(ON) See Figure 17 25 °C 4.3 V 160 pF ON capacitance Switch ON, Digital input CI VI = V+ or GND 25 °C 4.3 V 2.5 pF capacitance Bandwidth BW RL = 50 Ω, Switch ON 25 °C 4.3 V 35 MHz RL = 50 Ω, OFF isolation OISO Switch OFF 25 °C 4.3 V –71 dB f = 100 kHz, RL = 50 Ω, Crosstalk XTALK Switch ON 25 °C 4.3 V –73 dB f = 100 kHz, Total harmonic RL = 600 Ω, THD f = 20 Hz to 20 kHz 25 °C 4.3 V 0.003 % distortion CL = 50 pF, Supply 25 °C 0.15 0.4 Positive supply I+ VI = V+ or GND, Switch ON or OFF 4.3 V µA current Full 1.2 5 Submit Documentation Feedback |
Số phần tương tự - TS3A44159RSVR |
|
Mô tả tương tự - TS3A44159RSVR |