công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD430890A bảng dữ liệu(PDF) 1 Page - Powerex Power Semiconductors

tên linh kiện CD430890A
Giải thích chi tiết về linh kiện  POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWEREX [Powerex Power Semiconductors]
Trang chủ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD430890A bảng dữ liệu(HTML) 1 Page - Powerex Power Semiconductors

  CD430890A Datasheet HTML 1Page - Powerex Power Semiconductors CD430890A Datasheet HTML 2Page - Powerex Power Semiconductors CD430890A Datasheet HTML 3Page - Powerex Power Semiconductors CD430890A Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1600 Volts
Revision Date: 01/26/2002
CD43__90A
CD43 Outline Dimensions
Dimension
Inches
Millimeters
A
3.62
92
B
0.83
21
C
3.15
80
D
1.18
30
F
0.59
15
G
0.79
20
H
0.79
20
J
0.16
4
K
0.23
5.8
L
0.61
15.5
M
1.14
29
N
0.25
6.3
P
0.94
24
Q
1.18
30
R
0.71
18
S
0.11 x .03
2.8 x 0.8
T
0.25
6.3
U
M5
M5
Note: Dimensions are for reference only.
CD43__90A
Dual SCR Isolated
POW-R-BLOK
TM
Module
90 Amperes / Up to 1600 Volts
Ordering Information
:
Select the complete nine digit module
part number from the table below.
Example: CD431690A is a 1600Volt,
90 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x 1)
CD43
08
12
16
90
Description:
Powerex Dual SCR Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T DBC Alumina (Al2O3) Insulator
T Copper Baseplate
T Low Thermal Impedance
for Improved Current Capability
T UL Recognized (E78240)
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
T Lighting Control
T Heat & Temperature Control
T Welders
CONNECTION DIAGRAM
1
4
2
+
~
5
7
3
-
6
OUTLINE DRAWING
LABEL
G
H
F
L
B
A
R
"S" FASTON TAB
"U" THREAD
K
T
C
Q
P
N
D M
J


Số phần tương tự - CD430890A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Powerex Power Semicondu...
CD430890 POWEREX-CD430890 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD430890B POWEREX-CD430890B Datasheet
308Kb / 4P
   Dual SCR Isolated Module
CD430890C POWEREX-CD430890C Datasheet
477Kb / 4P
   Dual SCR Isolated Module
More results

Mô tả tương tự - CD430890A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Powerex Power Semicondu...
CD4390 POWEREX-CD4390 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
CD4340A POWEREX-CD4340A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4360A POWEREX-CD4360A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD6315A POWEREX-CD6315A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module 150 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com