công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M27C1024-55XB3TR bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện M27C1024-55XB3TR
Giải thích chi tiết về linh kiện  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-55XB3TR bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  M27C1024-55XB3TR Datasheet HTML 1Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 2Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 3Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 4Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 5Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 6Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 7Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 8Page - STMicroelectronics M27C1024-55XB3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Q6
Q5
Q4
Q11
Q8
VSS
Q7
Q10
Q9
A12
A8
A11
A10
A6
A13
A9
VSS
A7
A2
Q1
Q0
A0
G
A1
A5
NC
P
E
Q12
VPP
VCC
Q15
AI00703
M27C1024
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Q3
Q2
Q14
Q13
A4
A3
40
39
38
37
36
35
34
33
A14
A15
Figure 2A. DIP Pin Connections
AI00704
A11
A7
23
Q6
Q5
Q4
Q12
Q8
VSS
NC
Q11
Q10
12
A9
1
VSS
A12
A5
44
M27C1024
A13
NC
A6
34
Q9
A10
A8
Q7
Figure 2B. LCC Pin Connections
Warning: NC = Not Connected.
DEVICE OPERATION
The modes of operations of the M27C1024 are
listed in the Operating Modes table. A single power
supply is required in the read mode. All inputs are
TTL levels except for Vpp and 12V on A9 for
Electronic Signature.
Read Mode
The M27C1024 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, inde-
pendent of device selection. Assuming that the
addresses are stable, the address access time
(tAVQV) is equalto the delay from E to output (tELQV).
Data is available at the output after a delay of tOE
from the falling edge of G, assuming that E has
been low and the addresses have been stable for
at least tAVQV-tGLQV.
Standby Mode
The M27C1024 has a standby mode which re-
duces the active current from 35mA to 100
µA.
The M27C1024 is placed in the standby mode by
applying a TTL high signal to the E input. When in
the standby mode, the outputs are in a high imped-
ance state, independent of the G input.
Warning: NC = Not Connected.
DQ6
DQ3
DQ2
DQ13
DQ8
DQ7
DQ10
DQ9
A14
A8
A11
A10
A4
A15
A9
G
A7
A2
DQ1
DQ0
A0
A1
A3
NC
P
E
DQ14
VPP
VCC
DQ15
AI01582
M27C1024
(Normal)
10
1
11
20
21
30
31
40
VSS
A12
A6
A13
A5
DQ12
DQ4
DQ11
DQ5
VSS
Figure 2C. TSOP Pin Connections
Warning: NC = Not Connected.
2/15
M27C1024


Số phần tương tự - M27C1024-55XB3TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

Mô tả tương tự - M27C1024-55XB3TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com