công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LV32CNSRG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
AM26LV32CNSRG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 21 page AM26LV32C, AM26LV32I LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS202E − MAY 1995 − REVISED JUNE 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended supply-voltage and operating free-air temperature ranges (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIT+ Differential input high-threshold voltage 0.2 V VIT− Differential input low-threshold voltage −0.2 V VIK Enable input clamp voltage II = − 18 mA −0.8 −1.5 V VOH High-level output voltage VID = 200 mV, IOH = − 5 mA 2.4 3.2 V VOL Low-level output voltage VID = − 200 mV, IOL = 5 mA 0.17 0.5 V IOZ High-impedance-state output current VO = 0 to VCC ±50 µA IIH(E) High-level enable input current VCC = 0 or 3 V, VI = 5.5 V 10 A IIL(E) Low-level enable input current VCC = 3.6 V, VI = 0 V −10 µA rI Input resistance 7 12 k Ω II Input current VI = 5.5 V or − 0.3 V, All other inputs GND ±700 µA ICC Supply current VI(E) = VCC or GND, No load, line inputs open 8 17 mA Cpd Power dissipation capacitance‡ One channel 150 pF † All typical values are at VCC = 3.3 V and TA = 25°C. ‡ Cpd determines the no-load dynamic current: IS = Cpd × VCC × f + ICC. switching characteristics, VCC = 3.3 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT tPLH Propagation delay time, low- to high-level output See Figure 1 8 16 20 ns tPHL Propagation delay time, high- to low-level output See Figure 1 8 16 20 ns tt Transistion time (tr or tf) See Figure 1 5 ns tPZH Output-enable time to high level See Figure 2 17 40 ns tPZL Output-enable time to low level See Figure 3 10 40 ns tPHZ Output-disable time from high level See Figure 2 20 40 ns tPLZ Output-disable time from low level See Figure 3 16 40 ns tsk(p)§ Pulse skew 4 6 ns tsk(o)¶ Pulse skew 4 6 ns tsk(pp)# Pulse skew (device to device) 6 9 ns § tsk(p) is |tPLH − tPHL| of each channel of the same device. ¶ tsk(o) is the maximum difference in propagation delay times between any two channels of the same device switching in the same direction. # tsk(pp) is the maximum difference in propagation delay times between any two channels of any two devices switching in the same direction. |
Số phần tương tự - AM26LV32CNSRG4 |
|
Mô tả tương tự - AM26LV32CNSRG4 |