công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPS1045BTRL bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện STPS1045BTRL
Giải thích chi tiết về linh kiện  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

STPS1045BTRL bảng dữ liệu(HTML) 2 Page - International Rectifier

  STPS1045BTRL Datasheet HTML 1Page - International Rectifier STPS1045BTRL Datasheet HTML 2Page - International Rectifier STPS1045BTRL Datasheet HTML 3Page - International Rectifier STPS1045BTRL Datasheet HTML 4Page - International Rectifier STPS1045BTRL Datasheet HTML 5Page - International Rectifier STPS1045BTRL Datasheet HTML 6Page - International Rectifier STPS1045BTRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPS1045BPbF
Bulletin PD-21098 rev. B 08/06
2
www.irf.com
VR
Max. DC Reverse Voltage (V)
45
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
V
FM
Max. Forward Voltage Drop
0.63
V
@ 10A
T
J =
25 °C
* See Fig. 1
(1)
0.84
V
@ 20A
0.57
V
@ 10A
T
J =
125 °C
0.72
V
@ 20A
I
RM
Max. Reverse Leakage Current
0.2
mA
T
J =
25 °C
V
R = rated VR
* See Fig. 2
(1)
15
mA
T
J = 125 °C
C
T
Typical Junction Capacitance
760
pF
V
R = 5V DC (test signal range 100Khz to 1Mhz) 25 °C
LS
Typical Series Inductance
5.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs
(Rated VR)
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle < 2%
T
J
Max. Junction Temper. Range (*) - 40 to 175
°C
Tstg
Max. Storage Temperature Range
- 40 to 175
°C
R
thJC Max. Thermal Resistance Junction
3.0
°C/W DC operation
* See Fig. 4
to Case
R
thJA Max. Thermal Resistance Junction
50
°C/W
to Ambient
wt
Approximate Weight
0.3 (0.01)
g (oz.)
Case Style
D - PAK
Similar to TO-252AA
Device Marking
STPS1045B
Thermal-Mechanical Specifications
Part number
STPS1045BPbF
Parameters
Value
Units Conditions
Parameters
Value
Units Conditions
I
F(AV) Max. Average Forward Current
10
A
50% duty cycle @ T
C = 151°C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
390
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
75
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
20
mJ
T
J = 25 °C, IAS = 3.0 Amps, L = 4.40 mH
I
AR
Repetitive Avalanche Current
3.0
A
Current decaying linearly to zero in 1 μsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
Value
Units Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)


Số phần tương tự - STPS1045BTRL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
STPS1045BTRL VISHAY-STPS1045BTRL Datasheet
91Kb / 6P
   Schottky Rectifier, 10 A
Revision: 23-Apr-08
STPS1045BTRLPBF VISHAY-STPS1045BTRLPBF Datasheet
91Kb / 6P
   Schottky Rectifier, 10 A
Revision: 23-Apr-08
STPS1045BTRLPBF VISHAY-STPS1045BTRLPBF Datasheet
121Kb / 7P
   Schottky Rectifier, 10 A
Revision: 14-Jan-11
More results

Mô tả tương tự - STPS1045BTRL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com