công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VP0120 bảng dữ liệu(PDF) 2 Page - Supertex, Inc

tên linh kiện VP0120
Giải thích chi tiết về linh kiện  P-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUTEX [Supertex, Inc]
Trang chủ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP0120 bảng dữ liệu(HTML) 2 Page - Supertex, Inc

  VP0120 Datasheet HTML 1Page - Supertex, Inc VP0120 Datasheet HTML 2Page - Supertex, Inc VP0120 Datasheet HTML 3Page - Supertex, Inc VP0120 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-224
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
-200
V
GS(th)
Gate Threshold Voltage
-1.5
-3.5
V
V
GS = VDS, ID = -1.0mA
∆VGS(th)
Change in VGS(th) with Temperature
6.0
mV/°CID = -1.0mA, VGS = VDS
IGSS
Gate Body Leakage
-100
nA
VGS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
-10
µAVGS = 0V, VDS = Max Rating
VGS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
ID(ON)
ON-State Drain Current
-100
-400
VGS = -5V, VDS = -25V
-350
-750
VGS = -10V, VDS = -25V
R
DS(ON)
25
40
V
GS = -5V, ID = -50mA
15
25
VGS = -10V, ID = -100mA
∆RDS(ON)
Change in RDS(ON) with Temperature
0.6
%/°CVGS = -10V, ID = -100mA
G
FS
Forward Transconductance
50
70
m
V
DS = -25V, ID = -100mA
CISS
Input Capacitance
50
60
C
OSS
Common Source Output Capacitance
10
30
pF
C
RSS
Reverse Transfer Capacitance
5
10
td(ON)
Turn-ON Delay Time
4
10
t
r
Rise Time
4
10
t
d(OFF)
Turn-OFF Delay Time
4
10
tf
Fall Time
4
11
V
SD
Diode Forward Voltage Drop
-1.0
V
I
SD = -0.5A, VGS = 0V
t
rr
Reverse Recovery Time
500
ns
I
SD = -0.5A, VGS = 0V
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
VP0120
Switching Waveforms and Test Circuit
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θjc
θja
I
DR*IDRM
@ TC = 25°C
°C/W
°C/W
TO-92
-0.1A
-0.35A
1.0W
125
170
-0.1A
-0.35A
* I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
mA
V
GS
= 0V, V
DS
= -25V
f = 1 MHz
Drain-to-Source
Breakdown Voltage
Static Drain-to-Source
ON-State Resistance
-1
mA
VI
D = -1.0mA, VGS = 0V
Electrical Characteristics (@ 25°C unless otherwise specified)
V
DD = -25V
ns
ID = -350mA
RGEN = 25Ω
– OBSOLETE


Số phần tương tự - VP0120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Supertex, Inc
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
225Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
684Kb / 5P
   P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
VP0104 MICROCHIP-VP0104 Datasheet
759Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
Rev.A. April 2022
logo
New Jersey Semi-Conduct...
VP0104N2 NJSEMI-VP0104N2 Datasheet
90Kb / 1P
   P-Channel Enhancement-Mode
More results

Mô tả tương tự - VP0120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com