công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
YSS950 bảng dữ liệu(PDF) 4 Page - YAMAHA CORPORATION |
|
YSS950 bảng dữ liệu(HTML) 4 Page - YAMAHA CORPORATION |
4 / 30 page YSS950 4 ■ Development/Evaluation Kits Development/Evaluation Kits are prepared for the evaluation and the firmware development of YSS950. Development/ Evaluation Kit Name Category Description Evaluation board. Evaluation Board Curcuit_Diagram of evaluation board. EVBDSP EVBDSP is a control program that controls an evaluation board from a personal computer , via a USB connection. This program can be used to evaluate the YSS950’s functions. DAP1Mapper DAP1Mapper is a tool that determines memory map of the YSS950 (DAP1) firmware. Fltcnvc Fltcnvc is a command line tool that converts tool between two’s complement floating point format and real number format. iirdgn iirdgn is a command line tool that calculates the coefficients of typical IIR filters. DRCDesigner DRCDesigner is an Excel file that is used to create sample files for the dynamic range controller firmware. Program Tools DAP1AFC The DAP1AFC is a tool that works with firmware (AFA 1) on the DAP1 evaluation board (hereafter, “evaluation board”) to measure audio characteristics at the listening point, and automatically makes calibration to set the specified characteristics. BM CD DLY DS DRC FMT GEN HR HS I12 I22 I23 I28 MIX SF VS VOL DMB-DAP1 Application Firmware AFA AS-DAP1-PLII Application Firmware PLII AS-DAP1-PLIIx Application Firmware PLII Automatic Acoustic Field Calibration Coefficient Calculation Program. AS-DAP1-AFA Automatic Acoustic Field Calibration system AFA The same as firmware AFA included in DAP1AFC. [Caution] The information shown above is subject to revision. Check with Yamaha or an authorized sales agency for the latest information before using this product. [Caution] “Dolby”, “Dolby Pro Logic II”, and “Dolby Pro Logic IIx” are trademarks of Dolby Laboratories. “DTS”, “DTS-ES”, “DTS-96/24”, and “DTS Neo:6” are trademarks of Digital Theater Systems, Inc. 1 AFA: Acoustic Field Analyzer |
Số phần tương tự - YSS950 |
|
Mô tả tương tự - YSS950 |