công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YSS940 bảng dữ liệu(PDF) 9 Page - YAMAHA CORPORATION

tên linh kiện YSS940
Giải thích chi tiết về linh kiện  ADAMB Advanced Digital Audio Multi channel decode processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS940 bảng dữ liệu(HTML) 9 Page - YAMAHA CORPORATION

Back Button YSS940 Datasheet HTML 5Page - YAMAHA CORPORATION YSS940 Datasheet HTML 6Page - YAMAHA CORPORATION YSS940 Datasheet HTML 7Page - YAMAHA CORPORATION YSS940 Datasheet HTML 8Page - YAMAHA CORPORATION YSS940 Datasheet HTML 9Page - YAMAHA CORPORATION YSS940 Datasheet HTML 10Page - YAMAHA CORPORATION YSS940 Datasheet HTML 11Page - YAMAHA CORPORATION YSS940 Datasheet HTML 12Page - YAMAHA CORPORATION YSS940 Datasheet HTML 13Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
YSS944/943/940
9
Function Description
Functions of the YSS944/943/940 are follows.
(1) Main Decoder Functions
• Dolby Digital decoding
- Firmware AC3 decoder is included.
- Supports Annex D.
- Supports sampling frequencies of 32 kHz, 44.1 kHz, and 48 kHz.
- 5.1-channel decoding.
• DTS decoding
- Firmware DTS decoder is included.
- Supports DTS-ES Discrete 6.1 decoding. (Sampling frequencies of 44.1 kHz and 48 kHz.)
- Supports DTS 96/24 decoding. (Output sampling frequencies of 88.2 kHz and 96 kHz.)
[Note]
- The YSS943 does not support DTS-ES Discrete 6.1 decoding.
- The YSS940 does not support any DTS decoding.
• AAC decoding
- Firmware AAC decoder is included.
- Complies with ARIB digital broadcast standard.
- Supports ADTS.
- Supports LC profile.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, and 48 kHz.
- 5.1-channel decoding
• PCM 2-channel input playback
- Firmware PCM2 player is included.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz,
176.4 kHz, and 192 kHz.
- Supports 24-bit word length.
- De-emphasis function.
- Input DC cutoff function.
- 1/2 down sampling function.
• PCM 6-/7-/8-channel input playback
- Firmware PCM8 player is included.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz,
176.4 kHz, and 192 kHz.
- Supports 24-bit word length.
- De-emphasis function.
- Input DC cutoff function.
- Audio data input channel control function.
(2) Post Decoder Functions
The following post-decoder function can be applied to the results of main decoder described above.
• Dolby Pro Logic IIx decoding
- Firmware PL2 decoder is included.
- Expands to up to 7 channels from 2 channels of L and R.
- Expands to up to 4 channel from 2 channels of LS and RS (supports Dolby Digital EX with the
combination of Dolby Digital decoding function)
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 176.4 kHz,
and 192 kHz.
• DTS Neo:6 decoding
- Firmware Neo:6 decoder is included.
- Expands to up to 6 channels from 2 channels of L and R.


Số phần tương tự - YSS940

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Mô tả tương tự - YSS940

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
   Multi-channel digital audio processor with DDX TM
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com