công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YSS940 bảng dữ liệu(PDF) 7 Page - YAMAHA CORPORATION

tên linh kiện YSS940
Giải thích chi tiết về linh kiện  ADAMB Advanced Digital Audio Multi channel decode processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS940 bảng dữ liệu(HTML) 7 Page - YAMAHA CORPORATION

Back Button YSS940 Datasheet HTML 3Page - YAMAHA CORPORATION YSS940 Datasheet HTML 4Page - YAMAHA CORPORATION YSS940 Datasheet HTML 5Page - YAMAHA CORPORATION YSS940 Datasheet HTML 6Page - YAMAHA CORPORATION YSS940 Datasheet HTML 7Page - YAMAHA CORPORATION YSS940 Datasheet HTML 8Page - YAMAHA CORPORATION YSS940 Datasheet HTML 9Page - YAMAHA CORPORATION YSS940 Datasheet HTML 10Page - YAMAHA CORPORATION YSS940 Datasheet HTML 11Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
YSS944/943/940
7
Type
Pin
No.
Pin Name
I/O
Note 1)
Function
It inputs a 64 fs bit clock.
30
SDIWCK
I
This is the word clock pin for the audio interface’s input side.
26
SDI3
I
This is the audio interface’s serial data input pin 3.
If this pin is not used, connect it to a ground.
27
SDI2
I
This is the audio interface’s serial data input pin 2.
If this pin is not used, connect it to a ground.
28
SDI1
I
This is the audio interface’s serial data input pin 1.
If this pin is not used, connect it to a ground.
29
SDI0
I
This is the audio interface’s serial data input pin 0.
Connect digital audio data (various streams or PCM) via IEC60958 to
this pin.
38
SDOMCK
Ot
This is the master clock output pin for the audio interface’s output
side.
It outputs the master clock to DIT, DAC, etc.
The highest clock frequency that can be output is 25 MHz.
34
SDOBCK
Is/O
This is the bit clock I/O pin for the audio interface’s output side.
It inputs or outputs a 64 fs bit clock.
37
SDOWCK
I/O
This is the word clock pin for the audio interface’s output side.
44
SDO3
O
This is the audio interface’s serial data output pin 3.
43
SDO2
O
This is the audio interface’s serial data output pin 2.
40
SDO1
O
This is the audio interface’s serial data output pin 1.
Audio interface
39
SDO0
O
This is the audio interface’s serial data output pin 0.
112
MEMA18
58
MEMA17
73
MEMA16
72
MEMA15
74
MEMA14
59
MEMA13
75
MEMA12
67
MEMA11
110
MEMA10
66
MEMA9
65
MEMA8
76
MEMA7
81
MEMA6
82
MEMA5
83
MEMA4
84
MEMA3
90
MEMA2
91
MEMA1
92
MEMA0
O
These are external memory address output pins 18 to 0.
If external memory is not used, these pins should be left unconnected.
104
MEMD7
103
MEMD6
102
MEMD5
101
MEMD4
99
MEMD3
98
MEMD2
97
MEMD1
96
MEMD0
I/O
These are external memory data I/O pins 7 to 0.
If external memory is not used, these pins should be left unconnected.
109
nMEMCE
O
This is the external memory chip select output pin.
If external memory is not used, this pin should be left unconnected.
111
nMEMOE
O
This is the external memory output enable output pin.
If external memory is not used, this pin should be left unconnected.
External memory
interface
68
nMEMWE
O
This is the external memory write enable output pin.
If external memory is not used, this pin should be left unconnected.
Status ports
134
nINT
O
This is the interrupt request output pin.


Số phần tương tự - YSS940

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Mô tả tương tự - YSS940

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
   Multi-channel digital audio processor with DDX TM
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com