công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7147ACPZ-REEL bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD7147ACPZ-REEL
Giải thích chi tiết về linh kiện  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7147ACPZ-REEL bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD7147ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 11Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 12Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 13Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 14Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
AD7147
Rev. 0 | Page 11 of 68
THEORY OF OPERATION
The AD7147 and AD7147-1 are CDCs with on-chip
environmental compensation. They are intended for use in
portable systems requiring high resolution user input. The
internal circuitry consists of a 16-bit, ∑-Δ converter that can
change a capacitive input signal into a digital value. There are
13 input pins, CIN0 to CIN12, on the AD7147 or AD7147-1. A
switch matrix routes the input signals to the CDC. The result of
each capacitance-to-digital conversion is stored in on-chip
registers. The host subsequently reads the results over the serial
interface. The AD7147 has an SPI interface, and the AD7147-1
has an I2C interface, ensuring that the parts are compatible with
a wide range of host processors. AD7147 refers to both the
AD7147 and AD7147-1, unless otherwise noted, from this
point forward in this data sheet.
The AD7147 interfaces with up to 13 external capacitance
sensors. These sensors can be arranged as buttons, scroll bars,
or wheels, or as a combination of sensor types. The external
sensors consist of an electrode on a single- or multiple-layer
PCB that interfaces directly to the AD7147.
The AD7147 can be set up to implement any set of input
sensors by programming the on-chip registers. The registers can
also be programmed to control features such as averaging,
offsets, and gains for each of the external sensors. There is an
on-chip sequencer that controls how each of the capacitance
inputs is polled.
The AD7147 has on-chip digital logic and 528 words of RAM
that are used for environmental compensation. The effects of
humidity, temperature, and other environmental factors can
affect the operation of capacitance sensors. Transparent to the
user, the AD7147 performs continuous calibration to compen-
sate for these effects, allowing the AD7147 to consistently
provide error-free results.
The AD7147 requires a companion algorithm that runs on the
host or another microcontroller to implement high resolution
sensor functions, such as scroll bars or wheels. However, no
companion algorithm is required to implement buttons. Button
sensors are implemented on chip, entirely in digital logic.
The AD7147 can be programmed to operate in either full power
mode or low power automatic wake-up mode. The automatic
wake-up mode is particularly suited for portable devices that
require low power operation to provide the user with significant
power savings and full functionality.
The AD7147 has an interrupt output, INT, to indicate when
new data has been placed into the registers. INT is used to
interrupt the host on sensor activation. The AD7147 operates
from a 2.6 V to 3.6 V supply and is available in a 24-lead, 4 mm ×
4 mm LFCSP.
CAPACITANCE-SENSING THEORY
The AD7147 measures capacitance changes from single-electrode
sensors. The sensor electrode on the PCB comprises one plate
of a virtual capacitor. The other plate of the capacitor is the user’s
finger, which is grounded with respect to the sensor input.
The AD7147 first outputs an excitation signal to charge the
plate of the capacitor. When the user comes close to the sensor,
the virtual capacitor is formed, with the user acting as the second
capacitor plate.
PLASTIC COVER
AD7147
SENSOR PCB
Σ-Δ
ADC
16-BIT
DATA
EXCITATION
SIGNAL
250kHz
Figure 19. Capacitance-Sensing Method
A square wave excitation signal is applied to CINx during
the conversion, and the modulator continuously samples the
charge going through CINx. The output of the modulator is
processed via a digital filter, and the resulting digital data is
stored in the CDC_RESULT_Sx registers for each conversion
stage, at Address 0x00B to Address 0x016.


Số phần tương tự - AD7147ACPZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7147ACPZ-REEL AD-AD7147ACPZ-REEL Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results

Mô tả tương tự - AD7147ACPZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com