công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD12250A bảng dữ liệu(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

tên linh kiện AD12250A
Giải thích chi tiết về linh kiện  24 bit, 96 kHz Stereo A/D Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESMT [Elite Semiconductor Memory Technology Inc.]
Trang chủ  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD12250A bảng dữ liệu(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  AD12250A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD12250A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD12250A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ESMT
AD12250A
Elite Semiconductor Memory Technology Inc.
Publication Date
Apr. 2007
Revision
1.1
3/13
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
DVDD
Supply for Digital Circuit
0
3.6
V
AVDD
Supply for Analog Circuit
0
3.6
V
Analog Input Voltage
AGND
AVDD
V
Digital Input Voltage
DGND
DVDD
V
Tstg
Storage Temperature
-65
150
oC
Ta
Ambient Operating Temperature
-40
85
oC
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
DVDD
Supply for Digital Circuit
3.0
3.3
3.6
V
AVDD
Supply for Analog Circuit
3.0
3.3
3.6
V
Ta
Ambient Operating Temperature
0
70
oC
Digital Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
VOH
High-Level Output Voltage
2.4
V
VOL
Low-Level Output Voltage
0.4
V
CI
Input Capacitance
6.4
pF
Power Supply Characteristics
Condition: TA = 25 °C, FS = 48 kHz, MCLK = 256 FS, slave mode, full-scale 1 kHz input signal
Symbol
Parameter
Condition
Min
Typ
Max Units
AVDD
Supply for Analog Circuit
3.0
3.3
3.6
V
DVDD
Supply for Digital Circuit
3.0
3.3
3.6
V
IA
Analog Power Supply Current
AVDD = 3.3 V
18
mA
ID
Digital Power Supply Current
DVDD = 3.3 V
12
mA
Normal Operation,
AVDD, DVDD = 3.3 V
99
mW
PC
Power Consumption
Power Down
<0.5
μW
PSRR
Power Supply Rejection Ratio (Note1)
1 kHz signal at AVDD
56
dB
Note1: PSRR = 56dB for 1
μF capacitor on VCM pin and 36dB for 0.1μF capacitor on VCM pin.


Số phần tương tự - AD12250A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD122-00 ETC2-AD122-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD122-00 RHOPOINT-AD122-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
List of Unclassifed Man...
AD1224DB-A71GL(N) ETC2-AD1224DB-A71GL(N) Datasheet
142Kb / 1P
   AD12025 SERIES
AD1224HB-A71GL(N) ETC2-AD1224HB-A71GL(N) Datasheet
142Kb / 1P
   AD12025 SERIES
AD1224LB-A71GL(N) ETC2-AD1224LB-A71GL(N) Datasheet
142Kb / 1P
   AD12025 SERIES
More results

Mô tả tương tự - AD12250A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com