công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS8505IBDWRG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
ADS8505IBDWRG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 25 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) ELECTRICAL CHARACTERISTICS ADS8505 SLAS180B – SEPTEMBER 2005 – REVISED JUNE 2007 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. PACKAGE/ORDERING INFORMATION(1) MINIMUM NO MINIMUM SPECIFICATION RELATIVE PACKAGE PACKAGE ORDERING TRANSPORT PRODUCT MISSING SINAD TEMPERATURE ACCURACY LEAD DESIGNATOR NUMBER MEDIA, QTY CODE (dB) RANGE (LSB) ADS8505IBDW Tube, 20 SO-28 DW ADS8505IBDWR Tape and Reel, 1000 ADS8505IB ±1.5 16 86 –40 °C to 85°C ADS8505IBDB Tube, 50 SSOP-28 DB ADS8505IBDBR Tape and Reel, 2000 ADS8505IDW Tube, 20 SO-28 DW ADS8505IDWR Tape and Reel, 1000 ADS8505I ±4 15 83 –40 °C to 85°C ADS8505IDB Tube, 50 SSOP-28 DB ADS8505IDBR Tape and Reel, 2000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. over operating free-air temperature range (unless otherwise noted)(2) UNIT VIN ±25V Analog inputs REF +VANA + 0.3 V to AGND2 – 0.3 V CAP Indefinite short to AGND2, momentary short to VANA DGND, AGND1, AGND2 ±0.3 V VANA 6 V Ground voltage differences VDIG to VANA 0.3 V VDIG 6 V Digital inputs –0.3 V to +VDIG + 0.3 V Maximum junction temperature 165 °C Internal power dissipation 825 mW Lead temperature (soldering, 10s) 300 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to network ground terminal. T A = –40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference (unless otherwise noted) ADS8505I ADS8505IB PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX Resolution 16 16 Bits ANALOG INPUT Voltage range ±10 ±10 V Impedance 11.5 11.5 k Ω Capacitance 50 50 pF THROUGHPUT SPEED Conversion cycle Acquire and convert 4 4 µs Throughput rate 250 250 kHz 2 Submit Documentation Feedback |
Số phần tương tự - ADS8505IBDWRG4 |
|
Mô tả tương tự - ADS8505IBDWRG4 |