công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS8505IBDWR bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
ADS8505IBDWR bảng dữ liệu(HTML) 10 Page - Texas Instruments |
10 / 25 page www.ti.com 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 ADS8505 +5V + + + + Convert Pulse 40 ns Min 200 Ω 2.2 µF 2.2 µF 0.1 µF 10 µF 33.2 k Ω B15 (MSB) B14 B13 B12 B11 B10 B9 B8 B0 (LSB) B1 B2 B3 B4 B5 B6 B7 READING DATA PARALLEL OUTPUT (After a Conversion) PARALLEL OUTPUT (During a Conversion) ADS8505 SLAS180B – SEPTEMBER 2005 – REVISED JUNE 2007 Figure 21. Basic Operation The ADS8505 outputs full or byte-reading parallel data in binary 2's complement data output format. The parallel output is active when R/C (pin 24) is high and CS (pin 25) is low. Any other combination of CS and R/C 3-states the parallel output. Valid conversion data can be read in a full parallel, 16-bit word or two 8-bit bytes on pins 6-13 and pins 15-22. BYTE (pin 23) can be toggled to read both bytes within one conversion cycle. Refer to Table 2 for ideal output codes and Figure 22 for bit locations relative to the state of BYTE. Table 2. Ideal Input Voltages and Output Codes DIGITAL OUTPUT BINARY 2'S COMPLEMENT DESCRIPTION ANALOG INPUT BINARY CODE HEX CODE Full-scale range ±10 V Least significant bit (LSB) 305 µV Full scale (10 V-1 LSB) 9.999695 V 0111 1111 1111 1111 7FFF Midscale 0 V 0000 0000 0000 0000 0000 One LSB below midscale -305 µV 1111 1111 1111 1111 FFFF –Full scale -10 V 1000 0000 0000 0000 8000 After conversion n is completed and the output registers have been updated, BUSY (pin 26) goes high. Valid data from conversion n is available on D15-D0 (pins 6-13 and 15-22). BUSY going high can be used to latch the data. Refer to Table 3, Figure 23, Figure 24, and Figure 25 for timing specifications. After conversion n has been initiated, valid data from conversion n-1 can be read and is valid up to t2 (2.2 µs typ) after the start of conversion n. Do not attempt to read data from t2 (2.2 µs typ) after the start of conversion n until BUSY (pin 26) goes high; this may result in reading invalid data. Refer to Table 3, Figure 23, Figure 24, and Figure 25 for timing specifications. Note: For the best possible performance, data should not be read during a conversion. The switching noise of the asynchronous data transfer can cause digital feedthrough degrading converter performance. 10 Submit Documentation Feedback |
Số phần tương tự - ADS8505IBDWR |
|
Mô tả tương tự - ADS8505IBDWR |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |