công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8505 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8505
Giải thích chi tiết về linh kiện  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8505 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS8505 Datasheet HTML 7Page - Texas Instruments ADS8505 Datasheet HTML 8Page - Texas Instruments ADS8505 Datasheet HTML 9Page - Texas Instruments ADS8505 Datasheet HTML 10Page - Texas Instruments ADS8505 Datasheet HTML 11Page - Texas Instruments ADS8505 Datasheet HTML 12Page - Texas Instruments ADS8505 Datasheet HTML 13Page - Texas Instruments ADS8505 Datasheet HTML 14Page - Texas Instruments ADS8505 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
Bit 0 (LSB)
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 15 (MSB)
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
6
7
8
9
10
11
12
13
14
23
22
21
20
19
18
17
16
15
ADS8505
BYTE LOW
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Bit 14
Bit 15 (MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
6
7
8
9
10
11
12
13
14
23
22
21
20
19
18
17
16
15
ADS8505
BYTE HIGH
+5 V
ADS8505
SLAS180B – SEPTEMBER 2005 – REVISED JUNE 2007
The number of control lines can be reduced by tying CS low while using the falling edge of R/C to initiate
conversions and the rising edge of R/C to activate the output mode of the converter. See Figure 23.
Table 3. Conversion Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tw1
Pulse duration, convert
40
1750
ns
ta
Access time, data valid after R/C low
2.2
3.2
µs
tpd
Propagation delay time, BUSY from R/C low
15
25
ns
tw2
Pulse duration, BUSY low
2.2
µs
td1
Delay time, BUSY after end of conversion
5
ns
td2
Delay time, aperture
5
ns
tconv
Conversion time
2.2
µs
tacq
Acquisition time
1.8
µs
tdis
Disable time, bus
10
30
83
ns
td3
Delay time, BUSY after data valid
35
50
ns
tv
Valid time, previous data remains valid after R/C low
1.5
2
µs
tconv + tacq
Throughput time
4
µs
tsu
Setup time, R/C to CS
10
ns
tc
Cycle time between conversions
4
µs
ten
Enable time, bus
10
30
83
ns
td4
Delay time, BYTE
5
10
30
ns
Figure 22. Bit Locations Relative to State of BYTE (Pin 23)
11
Submit Documentation Feedback


Số phần tương tự - ADS8505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8505 TI1-ADS8505 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505I TI1-ADS8505I Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IB TI1-ADS8505IB Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505U TI-ADS8505U Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com