công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT8245DWE4 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện SN74ABT8245DWE4
Giải thích chi tiết về linh kiện  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8245DWE4 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SN74ABT8245DWE4 Datasheet HTML 5Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 6Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 7Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 8Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 9Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 10Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 11Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 12Page - Texas Instruments SN74ABT8245DWE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SN54ABT8245, SN74ABT8245
SCAN TEST DEVICES
WITH OCTAL BUS TRANSCEIVERS
SCBS124D – AUGUST 1992 – REVISED DECEMBER 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 36 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin, two BSCs for each normal-function I/O pin (one for input data and one for output data),
and one BSC for each of the internally decoded output-enable signals (OEA and OEB). The BSR is used 1) to
store test data that is to be applied internally to the inputs of the normal on-chip logic and/or externally to the
device output pins, and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic
and/or externally at the device input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test / Idle as determined by the current instruction. At power up
or in Test-Logic-Reset, the value of each BSC is reset to logic 0.
When external data is to be captured, the BSCs for signals OEA and OEB capture logic values determined by
the following positive-logic equations: OEA = OE
• DIR, and OEB = OE • DIR . When data is to be applied
externally, these BSCs control the drive state (active or high-impedance) of their respective outputs.
The BSR order of scan is from TDI through bits 35 – 0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
35
OEB
31
B8-I
23
B8-O
15
A8-I
7
A8-O
34
OEA
30
B7-I
22
B7-O
14
A7-I
6
A7-O
33
DIR
29
B6-I
21
B6-O
13
A6-I
5
A6-O
32
OE
28
B5-I
20
B5-O
12
A5-I
4
A5-O
––
––
27
B4-I
19
B4-O
11
A4-I
3
A4-O
––
––
26
B3-I
18
B3-O
10
A3-I
2
A3-O
––
––
25
B2-I
17
B2-O
9
A2-I
1
A2-O
––
––
24
B1-I
16
B1-O
8
A1-I
0
A1-O


Số phần tương tự - SN74ABT8245DWE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT8245DWE4 TI-SN74ABT8245DWE4 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
More results

Mô tả tương tự - SN74ABT8245DWE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952_07 Datasheet
529Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI1-SN54ABT8543_15 Datasheet
537Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com