công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BYZ50K47 bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện BYZ50K47
Giải thích chi tiết về linh kiện  Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYZ50K47 bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  BYZ50K47 Datasheet HTML 1Page - Diotec Semiconductor BYZ50K47 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYZ50A22 ... BYZ50A47, BYZ50K22 ... BYZ50K47
BYZ50A22 ... BYZ50A47, BYZ50K22 ... BYZ50K47
Silicon-Protectifiers with TVS characteristic – High Temperature Diodes
Silizium-Schutzgleichrichter mit Begrenzereigenschaft – Hochtemperatur-Dioden
Version 2006-04-27
Dimensions - Maße [mm]
Nominal Current
Nennstrom
50 A
Nominal breakdown voltage
Nominale Abbruchspannung
22 ... 47 V
Metal press-fit case with plastic cover
Metall-Einpressgehäuse mit Plastik-Abdeckung
Weight approx.
Gewicht ca.
10 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type / Typ
Wire to / Draht an
Breakdown voltage
Abbruchspannung
IT = 100 mA
Reverse voltage
Sperrspannung
IR = 5 µA
Max. clamping voltage
Max. Begrenzerspanng.
at / bei Ipp, tp = 1 ms
Anode
Cathode
VBRmin [V]
VBRmax [V]
VR [V]
VC [V]
Ipp [A]
BYZ50A22
BYZ50K22
19.8
24.2
> 17.8
31.9
235
BYZ50A27
BYZ50K27
24.3
29.7
> 21.8
39.1
192
BYZ50A33
BYZ50K33
29.7
36.3
> 26.8
47.7
157
BYZ50A39
BYZ50K39
35.1
42.9
> 31.6
56.4
133
BYZ50A47
BYZ50K47
42.3
51.7
> 38.1
67.8
111
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 150°C
IFAV
50 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
80 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
400/450 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
800 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+215°C
-50...+215°C
Max. junction temperature in case of “Load-Dump“
Max. Sperrschichttemperatur bei “Load-Dump“
Tjmax
+280°C
1
Max. case temperature TC = 150°C – Max. Gehäusetemperatur TC = 150°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 12.75
Ø
±0.1
11
1.3
Ø
±01
13


Số phần tương tự - BYZ50K47

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
BYZ50K47 DIOTEC-BYZ50K47 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50K47 DIOTEC-BYZ50K47 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50K47 DIOTEC-BYZ50K47 Datasheet
108Kb / 2P
   High Temperature Diodes
BYZ50K47 DIOTEC-BYZ50K47 Datasheet
156Kb / 2P
   Press-Fit Diodes ??Protectifiers
More results

Mô tả tương tự - BYZ50K47

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ35A22 DIOTEC-BYZ35A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
RA32Z39 DIOTEC-RA32Z39_14 Datasheet
229Kb / 2P
   Silicon Protectifiers with TVS characteristic
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
152Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com