công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFZ48RLPBF bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IRFZ48RLPBF
Giải thích chi tiết về linh kiện  HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48RLPBF bảng dữ liệu(HTML) 1 Page - International Rectifier

  IRFZ48RLPBF Datasheet HTML 1Page - International Rectifier IRFZ48RLPBF Datasheet HTML 2Page - International Rectifier IRFZ48RLPBF Datasheet HTML 3Page - International Rectifier IRFZ48RLPBF Datasheet HTML 4Page - International Rectifier IRFZ48RLPBF Datasheet HTML 5Page - International Rectifier IRFZ48RLPBF Datasheet HTML 6Page - International Rectifier IRFZ48RLPBF Datasheet HTML 7Page - International Rectifier IRFZ48RLPBF Datasheet HTML 8Page - International Rectifier IRFZ48RLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ48RSPbF
IRFZ48RLPbF
HEXFET® Power MOSFET
08/24/04
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
50*
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
50*
A
IDM
Pulsed Drain Current

290
PD @TC = 25°C
Power Dissipation
190
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
100
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.8
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 0.018Ω
ID = 50*A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely low on-
resistance per silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest power
capability and the lowest possible on-resistance in any existing
surface mount package. The D2Pak is suitable for high current
applications because of its low internal connection resistance and can
dissipate up to 2.0W in a typical surface mount application.
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Drop in Replacement of the IRFZ48
for Linear/Audio Applications
l Lead-Free
Description
D2Pak
IRFZ48RS
TO-262
IRFZ44RL
PD - 95761


Số phần tương tự - IRFZ48RLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Mô tả tương tự - IRFZ48RLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRFZ48PBF IRF-IRFZ48PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRF9Z14PBF IRF-IRF9Z14PBF Datasheet
257Kb / 8P
   HEXFET Power MOSFET ( VDSS = -60V , RDS(on) = 0.50廓 , ID = -6.7A )
IRFR9024PBF IRF-IRFR9024PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -60V , RDS(on) = 0.28廓 , ID = -8.8A )
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com