công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFZ48RSPBF bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRFZ48RSPBF
Giải thích chi tiết về linh kiện  HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48RSPBF bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRFZ48RSPBF Datasheet HTML 1Page - International Rectifier IRFZ48RSPBF Datasheet HTML 2Page - International Rectifier IRFZ48RSPBF Datasheet HTML 3Page - International Rectifier IRFZ48RSPBF Datasheet HTML 4Page - International Rectifier IRFZ48RSPBF Datasheet HTML 5Page - International Rectifier IRFZ48RSPBF Datasheet HTML 6Page - International Rectifier IRFZ48RSPBF Datasheet HTML 7Page - International Rectifier IRFZ48RSPBF Datasheet HTML 8Page - International Rectifier IRFZ48RSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFZ48RS/LPbF
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.0
V
TJ = 25°C, IS = 72A, VGS = 0V
„
trr
Reverse Recovery Time
–––
120
180
ns
TJ = 25°C, IF = 72A
Qrr
Reverse Recovery Charge
–––
0.50 0.80
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
50*
290
A
‚ VDD = 25V, Starting T
J = 25°C, L = 22µH
RG = 25Ω, IAS = 72A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
ƒ ISD ≤ 72A, di/dt ≤ 200A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.060 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.018
VGS = 10V, ID = 43A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
27
–––
–––
S
VDS = 25V, ID = 43A
„
–––
–––
25
µA
VDS = 60V, VGS = 0V
–––
–––
250
VDS = 48V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
110
ID = 72A
Qgs
Gate-to-Source Charge
–––
–––
29
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
36
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
8.1
–––
VDD = 30V
tr
Rise Time
–––
250
–––
ID = 72A
td(off)
Turn-Off Delay Time
–––
210
–––
RG = 9.1Ω
tf
Fall Time
–––
250
–––
RD = 0.34Ω, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
2400 –––
VGS = 0V
Coss
Output Capacitance
–––
1300 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
190
–––
pF
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
* Current limited by the package, (Die Current = 72A)


Số phần tương tự - IRFZ48RSPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
IRFZ48RSPBF VISHAY-IRFZ48RSPBF Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RSPBF VISHAY-IRFZ48RSPBF Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Mô tả tương tự - IRFZ48RSPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRFZ48PBF IRF-IRFZ48PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRF9Z14PBF IRF-IRF9Z14PBF Datasheet
257Kb / 8P
   HEXFET Power MOSFET ( VDSS = -60V , RDS(on) = 0.50廓 , ID = -6.7A )
IRFR9024PBF IRF-IRFR9024PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -60V , RDS(on) = 0.28廓 , ID = -8.8A )
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com