công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM24C64 bảng dữ liệu(PDF) 6 Page - Ramtron International Corporation

tên linh kiện FM24C64
Giải thích chi tiết về linh kiện  64Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMTRON [Ramtron International Corporation]
Trang chủ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C64 bảng dữ liệu(HTML) 6 Page - Ramtron International Corporation

Back Button FM24C64 Datasheet HTML 2Page - Ramtron International Corporation FM24C64 Datasheet HTML 3Page - Ramtron International Corporation FM24C64 Datasheet HTML 4Page - Ramtron International Corporation FM24C64 Datasheet HTML 5Page - Ramtron International Corporation FM24C64 Datasheet HTML 6Page - Ramtron International Corporation FM24C64 Datasheet HTML 7Page - Ramtron International Corporation FM24C64 Datasheet HTML 8Page - Ramtron International Corporation FM24C64 Datasheet HTML 9Page - Ramtron International Corporation FM24C64 Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FM24C64
Rev. 3.0
Mar. 2005
6 of 12
S
DEVICE ADDRESS
0
By Master
By FM24C64
Start
Address and Data
Stop
A
ACKNOWLEDGE
ADDRESS MSB
A
DATA BYTE
A P
ADDRESS LSB
A
XXX
Figure 5. Byte Write
S
DEVICE ADDRESS
0
By Master
By FM24C64
Start
Address and Data
Stop
A
ACKNOWLEDGE
ADDRESS MSB
A
DATA BYTE
A
P
ADDRESS LSB
A
XXX
DATA BYTE
A
Figure 6. Multiple Byte Write
Read Operation
There are two basic types of read operations. They
are current address read and selective address read. In
a current address read, the FM24C64 uses the internal
address latch to supply the address. In a selective
read, the user performs a procedure to set the address
to a specific value.
Current Address & Sequential Read
The FM24C64 uses an internal latch to supply the
address for a read operation. A current address read
uses the existing value in the address latch as a
starting place for the read operation. The system
reads from the address immediately following that of
the last operation.
To perform a current address read, the bus master
supplies a device address with the LSB set to 1. This
indicates that a read operation is requested. After
receiving the complete device address, the FM24C64
will begin shifting out data from the current address
on the next clock. The current address is the value
held in the internal address latch. Beginning with the
current address, the bus master can read any number
of bytes. Thus, a sequential read is simply a current
address read with multiple byte transfers. After each
byte the internal address counter will be incremented.
Each time the bus master acknowledges a byte, this
indicates that the FM24C64 should read out the next
sequential byte.
There are four ways to properly terminate a read
operation. Failing to properly terminate the read will
likely create a bus contention as the FM24C64
attempts to read out additional data onto the bus. The
four valid methods are:
1.
The bus master issues a no-acknowledge in the
9
th clock cycle and a stop in the 10th clock cycle.
This is illustrated in Figures 7-9. This is the
preferred method.
2.
The bus master issues a no-acknowledge in the
9
th clock cycle and a start in the 10th.
3.
The bus master issues a stop in the 9
th clock
cycle.
4.
The bus master issues a start in the 9
th clock
cycle.
If the internal address reaches 1FFFh, it will wrap
around to 0000h on the next read cycle. Figures 7 and
8 show the proper operation for current address reads.
Selective (Random) Read
There is a simple technique that allows a user to
select a random address location as the starting point
for a read operation. This involves using the first
three bytes of a write operation to set the internal
address followed by subsequent read operations.
To perform a selective read, the bus master sends out
the device address with the LSB set to 0. This
specifies a write operation. According to the write
protocol, the bus master then sends the address bytes
that are loaded into the internal address latch. After
the FM24C64 acknowledges the address, the bus
master issues a start condition. This simultaneously
aborts the write operation and allows the read
command to be issued with the device address LSB
set to a 1. The operation is now a current address
read.


Số phần tương tự - FM24C64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C64 ETC-FM24C64 Datasheet
320Kb / 13P
   FM24C64
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results

Mô tả tương tự - FM24C64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com