công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3335P bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC3335P
Giải thích chi tiết về linh kiện  Low Power Narrowband FM Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3335P bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC3335P Datasheet HTML 1Page - Motorola, Inc MC3335P Datasheet HTML 2Page - Motorola, Inc MC3335P Datasheet HTML 3Page - Motorola, Inc MC3335P Datasheet HTML 4Page - Motorola, Inc MC3335P Datasheet HTML 5Page - Motorola, Inc MC3335P Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
MC3335
SEMICONDUCTOR
TECHNICAL DATA
LOW POWER
DUAL CONVERSION
FM RECEIVER
ORDERING INFORMATION
MC3335DW
MC3335P
TA = – 40 to +85°C
SO–20
Plastic DIP
PIN CONNECTIONS
Order this document by MC3335/D
P SUFFIX
PLASTIC PACKAGE
CASE 738
DW SUFFIX
PLASTIC PACKAGE
CASE 751D
(SO–20L)
11
7
8
12
20
9
10
19
18
17
16
1
14
13
2
3
4
5
615
LIMITER
1st Lo Tank
1st Mixer Output
1st Lo Tank
VCC
2nd Mixer Input
VEE
Comparator Output
Comparator Input
Detector Output
1st Mixer Input
Quadrature Coil
2nd Lo Emitter
2nd Lo Base
2nd Mixer Output
Limiter Input
Limiter Decoupling
Meter Drive
Limiter Decoupling
Carrier Detect
1st Mixer Input
1
MOTOROLA ANALOG IC DEVICE DATA
Low Power Narrowband
FM Receiver
. . . includes dual FM conversion with Oscillators, Mixers, Quadrature
Discriminator, and Meter Drive/Carrier Detect Circuitry. The MC3335 also
has a comparator circuit for FSK detection.
Complete Dual Conversion Circuitry
Low Voltage: VCC = 2.0 to 6.0 Vdc
Low Drain Current (Typical 3.6 mA with VCC = 3.0 Vdc)
Excellent Sensitivity: – 3.0 dB Input Limiting = 0.7 µV
Externally Adjustable Carrier Detect Function
Separate Data Shaping Output Circuitry
Data Rate Up to 35000 Baud Detectable
60 dB RSSI Range
Low Number of External Parts Required
Manufactured in Motorola′s MOSAIC® Process Technology
MC13135 is Preferred for New Designs
Simplified Application as a Fixed Receiver
Limiter
0.01
33 pF
39 K
Ceramic Filter
10.7 MHz
120 pF
+
0.1
0.1
VCC
0.01
Lp
Cp
0.1
VCC
10 k
50 pF
Ceramic
Filter
455 kHz
To Carrier
Detect Indicator
RF Input
49.7 MHz
15
0.1
6
5
4
3
2
13
14
1
16
17
18
19
200 k
10
9
20
12
8
7
11
10.245 MHz
10 k
0.001
Recovered
Audio
Data
0.41
µH
1.0
= 660
µH
= 180 pF
© Motorola, Inc. 1996
Rev 5


Số phần tương tự - MC3335P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33304 ONSEMI-MC33304 Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33304D ONSEMI-MC33304D Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33304P ONSEMI-MC33304P Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Mô tả tương tự - MC3335P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com