công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3335 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC3335
Giải thích chi tiết về linh kiện  Low Power Narrowband FM Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3335 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC3335 Datasheet HTML 1Page - Motorola, Inc MC3335 Datasheet HTML 2Page - Motorola, Inc MC3335 Datasheet HTML 3Page - Motorola, Inc MC3335 Datasheet HTML 4Page - Motorola, Inc MC3335 Datasheet HTML 5Page - Motorola, Inc MC3335 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC3335
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
5
VCC(max)
7.0
Vdc
Operating Supply Voltage Range
(Recommended)
5
VCC
2.0 to 6.0
Vdc
Input Voltage (VCC > 5.0 Vdc)
1,20
V1–20
1.0
Vrms
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, fo = 49.7 MHz, Deviation = 3.0 kHz, TA = 25°C, test circuit of Figure 2,
unless otherwise noted.)
Characteristic
Pin
Min
Typ
Max
Unit
Drain Current
5
4.5
7.0
mAdc
Input for – 3.0 dB Limiting
0.7
2.0
µVrms
Recovered Audio (RF Signal Level = 1.0 mV)
12
250
mVrms
Noise Output (RF Signal Level = 0 mV)
12
250
mVrms
Carrier Detect Threshold (below VCC)
9
0.64
Vdc
Meter Drive Slope
9
100
µA/dB
Input for 20 dB (S + N/N)
1.3
µVrms
First Mixer 3rd Order Intercept (Input)
– 20
dBm
First Mixer Input Resistance (Rp)
690
First Mixer Input Capacitance (Cp)
7.2
pF
First Mixer Conversion Voltage Gain
18
dB
Second Mixer Conversion Voltage Gain
21
dB
Detector Output Resistance
12
1.4
k
Figure 1. Test Circuit
68 k
+
0.1
0.1
VCC
0.1
VCC
10 k
39 pF
Ceramic
Filter
455 kHz
To Carrier
Detect Indicator
15
6
5
4
3
2
13
14
1
16
17
18
19
200 k
10
9
20
12
8
7
11
10.245 MHz
7.5 k
RA
300
0.1
1.0
0.01
0.1
56 pF
20 k
1.4
Ceramic Filter
10.7 MHz
39 MHz
RF Input
49.7 MHz
2.6
Lp
Cp
= 660
µH
= 180 pF


Số phần tương tự - MC3335

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33304 ONSEMI-MC33304 Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33304D ONSEMI-MC33304D Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33304P ONSEMI-MC33304P Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Mô tả tương tự - MC3335

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com