công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

MC3335 Datasheet(PDF) 1 Page - Motorola, Inc

tên linh kiện MC3335
Nội dung chi tiết  Low Power Narrowband FM Receiver
tải về  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device
Operating
Temperature Range
Package
MC3335
SEMICONDUCTOR
TECHNICAL DATA
LOW POWER
DUAL CONVERSION
FM RECEIVER
ORDERING INFORMATION
MC3335DW
MC3335P
TA = – 40 to +85°C
SO–20
Plastic DIP
PIN CONNECTIONS
Order this document by MC3335/D
P SUFFIX
PLASTIC PACKAGE
CASE 738
DW SUFFIX
PLASTIC PACKAGE
CASE 751D
(SO–20L)
11
7
8
12
20
9
10
19
18
17
16
1
14
13
2
3
4
5
615
LIMITER
1st Lo Tank
1st Mixer Output
1st Lo Tank
VCC
2nd Mixer Input
VEE
Comparator Output
Comparator Input
Detector Output
1st Mixer Input
Quadrature Coil
2nd Lo Emitter
2nd Lo Base
2nd Mixer Output
Limiter Input
Limiter Decoupling
Meter Drive
Limiter Decoupling
Carrier Detect
1st Mixer Input
1
MOTOROLA ANALOG IC DEVICE DATA
Low Power Narrowband
FM Receiver
. . . includes dual FM conversion with Oscillators, Mixers, Quadrature
Discriminator, and Meter Drive/Carrier Detect Circuitry. The MC3335 also
has a comparator circuit for FSK detection.
Complete Dual Conversion Circuitry
Low Voltage: VCC = 2.0 to 6.0 Vdc
Low Drain Current (Typical 3.6 mA with VCC = 3.0 Vdc)
Excellent Sensitivity: – 3.0 dB Input Limiting = 0.7 µV
Externally Adjustable Carrier Detect Function
Separate Data Shaping Output Circuitry
Data Rate Up to 35000 Baud Detectable
60 dB RSSI Range
Low Number of External Parts Required
Manufactured in Motorola′s MOSAIC® Process Technology
MC13135 is Preferred for New Designs
Simplified Application as a Fixed Receiver
Limiter
0.01
33 pF
39 K
Ceramic Filter
10.7 MHz
120 pF
+
0.1
0.1
VCC
0.01
Lp
Cp
0.1
VCC
10 k
50 pF
Ceramic
Filter
455 kHz
To Carrier
Detect Indicator
RF Input
49.7 MHz
15
0.1
6
5
4
3
2
13
14
1
16
17
18
19
200 k
10
9
20
12
8
7
11
10.245 MHz
10 k
0.001
Recovered
Audio
Data
0.41
µH
1.0
= 660
µH
= 180 pF
© Motorola, Inc. 1996
Rev 5



Html Pages

1  2  3  4  5  6 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn