công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3335 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC3335
Giải thích chi tiết về linh kiện  Low Power Narrowband FM Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3335 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC3335 Datasheet HTML 1Page - Motorola, Inc MC3335 Datasheet HTML 2Page - Motorola, Inc MC3335 Datasheet HTML 3Page - Motorola, Inc MC3335 Datasheet HTML 4Page - Motorola, Inc MC3335 Datasheet HTML 5Page - Motorola, Inc MC3335 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC3335
4
MOTOROLA ANALOG IC DEVICE DATA
CIRCUIT DESCRIPTION
The MC3335 is a complete FM narrowband receiver from
antenna input to audio preamp output. The low voltage dual
conversion design yields low power drain, excellent
sensitivity and good image rejection in narrowband voice and
data link applications.
In the typical application diagram, the first mixer amplifies
the signal and converts the RF input to 10.7 MHz. This IF
signal is filtered externally and fed into the second mixer,
which further amplifies the signal and converts it to a 455 kHz
IF signal. After external bandpass filtering, the low IF is fed
into the limiting amplifier and detection circuitry. The audio is
recovered using a conventional quadrature detector.
Twice–IF filtering is provided internally.
The input signal level is monitored by meter drive circuitry
which detects the amount of limiting in the limiting amplifier.
The voltage at the meter drive pin determines the state of the
carrier detect output which is active low.
APPLICATIONS INFORMATION
The first local oscillator can be run using a free running LC
tank, as a VCO using PLL synthesis, or driven from an
external crystal oscillator. At higher VCC values (6.0 to
7.0 V), it has been run to 170 MHz. The second local
oscillator is a common base Colpitts type which is typically
run at 10.245 MHz under crystal control.
The mixers are doubly balanced to reduce spurious
responses. The first and second mixers have conversion
gains of 18 dB and 22 dB (typical), respectively. Mixer gain is
stable with respect to supply voltage. For both conversions,
the mixer impedances and pin layout are designed to allow
the user to employ low cost, readily available ceramic filters.
Overall sensitivity is shown in Figure 5. The input level for
20 dB (S + N)/N is 1.3
µV using the two–pole post–detection
filter as demonstrated.
Following the first mixer, a 10.7 MHz ceramic bandpass
filter is recommended. The 10.7 MHz filtered signal is then
fed into one second mixer input pin, the other input pin being
connected to VCC. Pin 5 (VCC) is treated as a common point
for emitter–driven signals.
The 455 kHz IF is typically filtered using a ceramic
bandpass filter, then fed into the limiter input pin. The limiter
has 10
µV sensitivity for –3.0 dB limiting, flat to 1.0 MHz.
The output of the limiter is internally connected to the
quadrature detector, including a quadrature capacitor. A
parallel LC tank is needed externally from Pin 11 to VCC.
A 39 k
Ω shunt resistance is included which determines the
peak separation of the quadrature detector; a smaller value
will increase the spacing and linearity but decrease
recovered audio and sensitivity.
A data shaping circuit is available and can be coupled to
the recovered audio output of Pin 12. The circuit is a
comparator which is designed to detect zero crossings of
FSK modulation. Data rates of up to 35000 baud are
detectable using the typical application. Hysteresis is
available by connecting a high–valued resistor from Pin 13 to
Pin 14. Values below 120 k
Ω are not recommended as the
input signal cannot overcome the hysteresis.
The meter drive circuitry detects input signal level by
monitoring the limiting of the limiting amplifier stages.
Figure 2 shows the unloaded current at Pin 9 versus input
power. The meter drive current can be used directly (RSSI)
or can be used to trip the carrier detect circuit at a specified
input power. To do this, pick an RF trip level in dBm. Read the
corresponding current from Figure 2 and pick a resistor such
that:
R9 = 0.64 Vdc / I9
Hysteresis is available by connecting a high–valued
resistor RH between Pin 9 and 10. The formula is:
Hysteresis = VCC/(RH x 10–7) dB


Số phần tương tự - MC3335

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33304 ONSEMI-MC33304 Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33304D ONSEMI-MC33304D Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33304P ONSEMI-MC33304P Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Mô tả tương tự - MC3335

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com