công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF1405ZLPBF bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IRF1405ZLPBF
Giải thích chi tiết về linh kiện  AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRF1405ZLPBF bảng dữ liệu(HTML) 1 Page - International Rectifier

  IRF1405ZLPBF Datasheet HTML 1Page - International Rectifier IRF1405ZLPBF Datasheet HTML 2Page - International Rectifier IRF1405ZLPBF Datasheet HTML 3Page - International Rectifier IRF1405ZLPBF Datasheet HTML 4Page - International Rectifier IRF1405ZLPBF Datasheet HTML 5Page - International Rectifier IRF1405ZLPBF Datasheet HTML 6Page - International Rectifier IRF1405ZLPBF Datasheet HTML 7Page - International Rectifier IRF1405ZLPBF Datasheet HTML 8Page - International Rectifier IRF1405ZLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IRF1405ZPbF
IRF1405ZSPbF
IRF1405ZLPbF
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 4.9mΩ
ID = 75A
07/22/05
www.irf.com
1
AUTOMOTIVE MOSFET
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features com-
bine to make this design an extremely efficient and
reliable device for use in Automotive applications
and a wide variety of other applications.
S
D
G
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
i
–––
40
420
270
See Fig.12a, 12b, 15, 16
230
1.5
± 20
Max.
150
110
600
75
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
HEXFET® is a registered trademark of International Rectifier.
D2Pak
IRF1405ZSPbF
TO-220AB
IRF1405ZPbF
TO-262
IRF1405ZLPbF
PD - 97018


Số phần tương tự - IRF1405ZLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF1405ZL IRF-IRF1405ZL Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRF1405ZL-7P IRF-IRF1405ZL-7P Datasheet
688Kb / 11P
   AUTOMOTIVE MOSFET
IRF1405ZL-7PPBF IRF-IRF1405ZL-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results

Mô tả tương tự - IRF1405ZLPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
   AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRLR014NPBF IRF-IRLR014NPBF Datasheet
281Kb / 11P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.14廓 , ID = 10A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com