công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KK74HC623A bảng dữ liệu(PDF) 1 Page - KODENSHI_AUK CORP.

tên linh kiện KK74HC623A
Giải thích chi tiết về linh kiện  Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KODENSHI [KODENSHI_AUK CORP.]
Trang chủ  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC623A bảng dữ liệu(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74HC623A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC623A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC623A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC623A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC623A Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC623A Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74HC623A
Octal 3-State Noninverting
Bus Transceiver
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
KK74HC623AN Plastic
KK74HC623ADW SOIC
TA = -55° to 125° C for all packages
The KK74HC623A is identical in pinout to the LS/ALS623. The
device inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The KK74HC623A is a 3-state noninverting transceiver that is used for
2-way communication between data buses. Two separate enables are
available. The enable for bus A to B is active-high, the enable for bus B
to A is active-low.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data Transmitted
from Bus B to
Bus A
L
H
Data Transmitted
from Bus A to
Bus B
H
L
Buses Isolated
L
H
(High Impedance
State)
1


Số phần tương tự - KK74HC623A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KODENSHI_AUK CORP.
KK74HC620A KODENSHI-KK74HC620A Datasheet
233Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
KK74HC620ADW KODENSHI-KK74HC620ADW Datasheet
233Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
KK74HC620AN KODENSHI-KK74HC620AN Datasheet
233Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
More results

Mô tả tương tự - KK74HC623A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KODENSHI_AUK CORP.
KK74HCT245A KODENSHI-KK74HCT245A Datasheet
240Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC623 SLS-SL74HC623 Datasheet
49Kb / 5P
   Octal 3-State Noninverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC245A IKSEMICON-IN74HC245A Datasheet
220Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
IN74HC623A IKSEMICON-IN74HC623A Datasheet
171Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC245A KODENSHI-KK74HC245A Datasheet
232Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT245 SLS-SL74HCT245 Datasheet
50Kb / 5P
   Octal 3-State Noninverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT245A IKSEMICON-IN74HCT245A Datasheet
214Kb / 7P
   Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
IN74AC623 IKSEMICON-IN74AC623 Datasheet
227Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT623 KODENSHI-KK74ACT623 Datasheet
290Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC245 IKSEMICON-IN74AC245 Datasheet
201Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com