công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G1084TU3U bảng dữ liệu(PDF) 3 Page - Global Mixed-mode Technology Inc |
|
G1084TU3U bảng dữ liệu(HTML) 3 Page - Global Mixed-mode Technology Inc |
3 / 11 page Ver: 1.4 Jun 14, 2007 TEL: 886-3-5788833 http://www.gmt.com.tw 3 G1084 Global Mixed-mode Technology Inc. Definitions Output Voltage The G1084 provides an adjustable output voltage from 1.25V to 5V. with two external resistors. It can be for- mulated as: R2 VOUT = 1.25V x (1+ R1 ) + I ADJ x R2 IADJ = 80µA (TYP.) Dropout Voltage The input/output Voltage differential at which the regulator output no longer maintains regulation against further reductions in input voltage. Measured when the output drops 2% below its nominal value. Dropout voltage is affected by junction temperature, load cur- rent and minimum input supply requirements. Line Regulation The change in output voltage for a change in input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that average chip temperature is not significantly af- fected. Load Regulation The change in output voltage for a change in load current at constant chip temperature. The measure- ment is made under conditions of low dissipation or by using pulse techniques such that average chip tem- perature is not significantly affected. Maximum Power Dissipation The maximum total device dissipation for which the regulator will operate within specifications. Quiescent Bias Current Current which is used to operate the regulator chip and is not delivered to the load. |
Số phần tương tự - G1084TU3U |
|
Mô tả tương tự - G1084TU3U |