công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8506IDW bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS8506IDW
Giải thích chi tiết về linh kiện  12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8506IDW bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  ADS8506IDW Datasheet HTML 1Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 2Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 3Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 4Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 5Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 6Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 7Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 8Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
Successive Approximation Register
Clock
Comparator
CS
CDAC
Buffer
REF
CAP
R1IN
40 k
9.9 k
Internal
+2.5 V Ref
6 k
Parallel
and
Serial
Data
Out
&
Control
BUSY
BUSY
DATACLK
TAG
20 k
39.8 k
R2IN
EXT/IN
R/C
SB/BTC
BYTE
REFD
Parallel
Data
PWRD
SDATA
ADS8506
SLAS484A – SEPTEMBER 2007 – REVISED OCTOBER 2007
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH
INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
• Industrial Process Control
2
• 40-kHz Min Sampling Rate
• Test Equipment
• 4-V, 5-V, and ±10-V Input Ranges
• Medical Equipment
• 73.9-dB SINAD with 10-kHz Input
• Data Acquisition Systems
• ±0.45 LSB Max INL
• Digital Signal Processing
• ±0.45 LSB Max DNL, 12-Bit No Missing Codes
• Instrumentation
• ±5-mV BPZ, ±0.5 PPM/°C BPZ Drift
• SPI Compatible Serial Output With
Daisy-Chain (TAG) Feature
The ADS8506 is a complete low power, single 5-V
• Single 5-V Analog Supply
supply,
12-bit
sampling
analog-to-digital
(A/D)
• Pin-Compatible With ADS7806 and 16-Bit
converter.
It
contains
a
complete
12-bit
ADS7807/8507
capacitor-based, successive approximation register
(SAR) A/D converter with sample and hold, clock,
• Uses Internal or External 2.5-V Reference
reference, and data interface. The converter can be
• Low Power Dissipation
configured for a variety of input ranges including ±10
24 mW Typ, 30 mW Max at 40 KSPS
V, 4 V, and 5 V. For most input ranges, the input
voltage can swing to 25 V or –25 V without damage
• 50-μW Max Power Down Mode
to the converter.
• 28-Pin SO Package
A SPI compatible serial interface allows data to be
• Full Parallel Interface
synchronized to an internal or external clock. A full
• 2's Comp or BTC Output Code
parallel interface with BYTE select is also provided to
allow the maximum system design flexibility. The
ADS8506 is specified at 40 kHz sampling rate over
the industrial -40
°C to 85°C temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
QSPI, SPI are trademarks of Motorola.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8506IDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8506IDW TI1-ADS8506IDW Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDWG4 TI1-ADS8506IDWG4 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDWR TI1-ADS8506IDWR Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8506IDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com