công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8506IDW bảng dữ liệu(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS8506IDW
Giải thích chi tiết về linh kiện  12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8506IDW bảng dữ liệu(HTML) 2 Page - Burr-Brown (TI)

  ADS8506IDW Datasheet HTML 1Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 2Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 3Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 4Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 5Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 6Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 7Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 8Page - Burr-Brown (TI) ADS8506IDW Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
ADS8506
SLAS484A – SEPTEMBER 2007 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION(1)
FULL-
MINIMUM
NO
SPECIFICATION
SCALE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
INL
MISSING
TEMPERATURE
ERROR
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
(LSB)
CODE
RANGE
(%)
ADS8506IBDW
Tube, 20
ADS8506IB
±0.45
12
±0.25
-40
°C to 85°C
SO-28
DW
ADS8506IBDWR
Tape and Reel, 1000
ADS8506IDW
Tube, 20
ADS8506I
±0.45
12
±0.5
-40
°C to 85°C
SO-28
DW
ADS8506IDWR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
R1IN
±25 V
Analog inputs
R2IN
±25 V
REF
+VANA + 0.3 V to AGND2 - 0.3 V
DGND, AGND2
±0.3 V
VANA
6 V
Ground voltage differences
VDIG to VANA
0.3 V
VDIG
6 V
Digital inputs
-0.3 V to +VDIG + 0.3 V
Maximum junction temperature
165
°C
Storage temperature range
–65
°C to 150°C
Internal power dissipation
700 mW
Lead temperature (soldering, 1.6 mm from case 10 seconds)
260
°C
(1)
All voltage values are with respect to network ground terminal.
At TA = -40°C to 85°C, fS = 40 kHz, VDIG = VANA = 5 V, and using internal reference and fixed resistors, (see Figure 43) unless
otherwise specified.
ADS8506IB
MINADS8506I
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
12
12
Bits
ANALOG INPUT
-10
10
-10
10
Voltage ranges
See Table 1
0
5
0
5
V
0
4
0
4
Impedance
Capacitance
45
45
pF
THROUGHPUT SPEED
Conversion time
15
15
μs
Complete cycle
Acquire and convert
25
25
Throughput rate
40
kHz
DC ACCURACY
INL
Integral linearity error
-0.45
±0.15
0.45
-0.45
±0.15
0.45
LSB(1)
(1)
LSB means Least Significant Bit. One LSB for the ±10-V input range is 305
μV.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8506


Số phần tương tự - ADS8506IDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8506IDW TI1-ADS8506IDW Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDWG4 TI1-ADS8506IDWG4 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDWR TI1-ADS8506IDWR Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8506IDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com