công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8506 bảng dữ liệu(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS8506
Giải thích chi tiết về linh kiện  12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8506 bảng dữ liệu(HTML) 5 Page - Burr-Brown (TI)

  ADS8506 Datasheet HTML 1Page - Burr-Brown (TI) ADS8506 Datasheet HTML 2Page - Burr-Brown (TI) ADS8506 Datasheet HTML 3Page - Burr-Brown (TI) ADS8506 Datasheet HTML 4Page - Burr-Brown (TI) ADS8506 Datasheet HTML 5Page - Burr-Brown (TI) ADS8506 Datasheet HTML 6Page - Burr-Brown (TI) ADS8506 Datasheet HTML 7Page - Burr-Brown (TI) ADS8506 Datasheet HTML 8Page - Burr-Brown (TI) ADS8506 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
ADS8506
SLAS484A – SEPTEMBER 2007 – REVISED OCTOBER 2007
Terminal Functions
TERMINAL
DIGITAL
DESCRIPTION
I/O
NO.
NAME
1
R1IN
Analog Input.
2
AGND1
Analog sense ground. Used internally as ground reference point. Minimal current flow
3
R2IN
Analog Input.
4
CAP
Reference buffer output. 2.2-
μF Tantalum capacitor to ground.
5
REF
Reference input/output. Outputs internal 2.5-V reference. Can also be driven by external system
reference. In both cases, bypass to ground with a 2.2-
μF tantalum capacitor.
6
AGND2
Analog ground
7
SB/BTC
I
Selects straight binary or binary 2's complement for output data format. if high, data is output in a
straight binary format. If low, data is output in a binary 2's complement format.
8
EXT/INT
I
Selects external/Internal data clock for transmitting data. If high, data is output synchronized to
the clock input on DATACLK. If low, a convert command initiates the transmission of the data
from the previous conversion, along with 12-clock pulses output on DATACLK.
9
D7
O
Data bit 3 if BYTE is high. Data bit 11 (MSB) if BYTE is low. Hi-Z when CS is high and/or R/C is
low. Leave unconnected when using serial output.
10
D6
O
Data bit 2 if BYTE is high. Data bit 10 if BYTE is low. Hi-Z when CS is high and/or R/C is low.
11
D5
O
Data bit 1 if BYTE is high. Data bit 9 if BYTE is low. Hi-Z when CS is high and/or R/C is low.
12
D4
O
Data bit 0 (LSB) if BYTE is high. Data bit 8 if BYTE is low. Hi-Z when CS is high and/or R/C is
low.
13
D3
O
Ground if BYTE is high. Data bit 7 if BYTE is low. Hi-Z when CS is high and/or R/C is low.
14
DGND
Digital ground
15
D2
O
Ground if BYTE is high. Data bit 6 if BYTE is low. Hi-Z when CS is high and/or R/C is low.
16
D1
O
Ground if BYTE is high. Data bit 5 if BYTE is low. Hi-Z when CS is high and/or R/C is low.
17
D0
O
Ground if BYTE is high. Data bit 4 if BYTE is low. Hi-Z when CS is high and/or R/C is low.
18
DATACLK
I/O
Either an input or an output depending on the EXT/INT level. Output data is synchronized to this
clock. If EXT/INT is low, DATACLK transmits 12 pulses after each conversion, and then remains
low between conversions.
19
SDATA
O
Serial data output. Data is synchronized to DATACLK, with the format determined by the level of
SB/BTC. In the external clock mode, after 12 bits of data, the ADC outputs the level input on
TAG as long as CS is low and R/C is high. If EXT/INT is low, data is valid on both the rising and
falling edges of DATACLK, and between conversions SDATA stays at the level of the TAG input
when the conversion was started.
20
TAG
I
Tag input for use in the external clock mode. If EXT is high, digital data input from TAG is output
on DATA with a delay that is dependent on the external clock mode.
21
BYTE
I
Selects 8 most significant bits (low) or 8 least significant bits (high) on parallel output pins.
22
R/C
I
Read/convert input. With CS low, a falling edge on R/C puts the internal sample-and-hold into the
hold state and starts a conversion. When EXT/INT is low, this also initiates the transmission of
the data results from the previous conversion.
23
CS
I
Internally ORed with R/C. If R/C is low, a falling edge on CS initiates a new conversion. If
EXT/INT is low, this same falling edge will start the transmission of serial data results from the
previous conversion.
24
BUSY
O
At the start of a conversion, BUSY goes low and stays low until the conversion is completed and
the digital outputs have been updated.
25
PWRD
I
Power down input. If high, conversions are inhibited and power consumption is significantly
reduced. Results from the previous conversion are maintained in the output shift register.
26
REFD
I
REFD High shuts down the internal reference. External reference will be required for
conversions.
27
VANA
Analog Supply. Nominally +5 V. Decouple with 0.1-
μF ceramic and 10-μF tantalum capacitors.
28
VDIG
Digital Supply. Nominally +5 V. Connect directly to pin 27. Must be
≤ VANA.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8506


Số phần tương tự - ADS8506

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IBDW TI1-ADS8506IBDW Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IBDWG4 TI1-ADS8506IBDWG4 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IBDWR TI1-ADS8506IBDWR Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDW TI1-ADS8506IDW Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8506

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com