công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7689 bảng dữ liệu(PDF) 11 Page - Analog Devices |
|
AD7689 bảng dữ liệu(HTML) 11 Page - Analog Devices |
11 / 20 page Preliminary Technical Data AD7689 Rev. PrC | Page 11 of 20 THEORY OF OPERATION SW+ MSB 16,384C IN+ LSB COMP CONTROL LOGIC SWITCHES CONTROL BUSY OUTPUT CODE CNV CAP GND IN- or COM 4C 2C C C 32,768C SW– MSB 16,384C LSB 4C 2C C C 32,768C Figure 11. ADC Simplified Schematic OVERVIEW The AD7689 is an 8-channel, 16-bit, charge redistribution successive approximation register (SAR), analog-to-digital converter (ADC). The AD7689 is capable of converting 250,000 samples per second (250 kSPS) and powers down between conversions. For example, when operating with an external reference at 1 kSPS, it consumes TBD μW typically, ideal for battery-powered applications. The AD7689 contains all of the components for use in a multi- channel, low power, data acquisition system including: • 16-bit SAR ADC with no missing codes • 8-channel, low crosstalk multiplexer • Internal low drift reference and buffer • Temperature sensor • Selectable 1-pole filter • Channel sequencer all of which are configured through a SPI compatible, 14-bit register. The AD7689 provides the user with an on-chip track-and-hold and does not exhibit pipeline delay or latency. The AD7689 uses a simple SPI interface for configuring and receiving conversion results. The AD7689 is specified from 2.3 V to 5.5 V and can be interfaced to any 1.8 V to 5 V digital logic family. It is housed in a 20-lead, 4mm x 4mm LFCSP that combines space savings and allows flexible configurations. It is pin-for-pin compatible with the 16-bit AD7682, AD7699 and 14-bit AD7949. CONVERTER OPERATION The AD7689 is a successive approximation ADC based on a charge redistribution DAC. Figure 11 shows the simplified schematic of the ADC. The capacitive DAC consists of two identical arrays of 16 binary-weighted capacitors, which are connected to the two comparator inputs. During the acquisition phase, terminals of the array tied to the comparator’s input are connected to GND via SW+ and SW−. All independent switches are connected to the analog inputs. Thus, the capacitor arrays are used as sampling capacitors and acquire the analog signal on the IN+ and IN− (or COM) inputs. When the acquisition phase is complete and the CNV input goes high, a conversion phase is initiated. When the conversion phase begins, SW+ and SW− are opened first. The two capacitor arrays are then disconnected from the inputs and connected to the GND input. Therefore, the differential voltage between the IN+ and IN- (or COM) inputs captured at the end of the acquisition phase is applied to the comparator inputs, causing the comparator to become unbalanced. By switching each element of the capacitor array between GND and CAP, the comparator input varies by binary-weighted voltage steps (VREF/2, VREF/4 ... VREF/32,768). The control logic toggles these switches, starting with the MSB, to bring the comparator back into a balanced condition. After the completion of this process, the part returns to the acquisition phase, and the control logic generates the ADC output code and a busy signal indicator. Because the AD7689 has an on-board conversion clock, the serial clock, SCK, is not required for the conversion process. |
Số phần tương tự - AD7689 |
|
Mô tả tương tự - AD7689 |