công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABTH32316 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABTH32316
Giải thích chi tiết về linh kiện  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH32316 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SN74ABTH32316 Datasheet HTML 4Page - Texas Instruments SN74ABTH32316 Datasheet HTML 5Page - Texas Instruments SN74ABTH32316 Datasheet HTML 6Page - Texas Instruments SN74ABTH32316 Datasheet HTML 7Page - Texas Instruments SN74ABTH32316 Datasheet HTML 8Page - Texas Instruments SN74ABTH32316 Datasheet HTML 9Page - Texas Instruments SN74ABTH32316 Datasheet HTML 10Page - Texas Instruments SN74ABTH32316 Datasheet HTML 11Page - Texas Instruments SN74ABTH32316 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9680801QXA
ACTIVE
CFP
HT
84
1
TBD
POST-PLATE
N / A for Pkg Type
SN74ABTH32316PN
ACTIVE
LQFP
PN
80
119
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
SN74ABTH32316PNG4
ACTIVE
LQFP
PN
80
119
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
SNJ54ABTH32316HT
ACTIVE
CFP
HT
84
1
TBD
POST-PLATE
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1


Số phần tương tự - SN74ABTH32316

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABTH32316 TI-SN74ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32316 TI1-SN74ABTH32316 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32316HT TI-SN74ABTH32316HT Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32316PN TI1-SN74ABTH32316PN Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

Mô tả tương tự - SN74ABTH32316

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com