công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33066P bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC33066P
Giải thích chi tiết về linh kiện  High Performance Resonant Mode Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33066P bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC33066P Datasheet HTML 1Page - Motorola, Inc MC33066P Datasheet HTML 2Page - Motorola, Inc MC33066P Datasheet HTML 3Page - Motorola, Inc MC33066P Datasheet HTML 4Page - Motorola, Inc MC33066P Datasheet HTML 5Page - Motorola, Inc MC33066P Datasheet HTML 6Page - Motorola, Inc MC33066P Datasheet HTML 7Page - Motorola, Inc MC33066P Datasheet HTML 8Page - Motorola, Inc MC33066P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC34066
MC33066
SEMICONDUCTOR
TECHNICAL DATA
HIGH PERFORMANCE
RESONANT MODE
CONTROLLERS
Order this document by MC34066/D
DW SUFFIX
PLASTIC PACKAGE
CASE 751G
(SO–16L)
P SUFFIX
PLASTIC PACKAGE
CASE 648
PIN CONNECTIONS
Osc Deadtime
Osc RC
Osc Control
Current
Gnd
Vref
Error Amp Out
Error Amp
Inverting Input
Error Amp
Noninverting Input
(Top View)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16 One–Shot RC
VCC
Drive Output A
Drive Output B
Drive Gnd
CSoft–Start
Fault Input
Enable/UVLO
Adjust
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC34066DW
TA = 0° to +70°C
SO–16L
Plastic DIP
SO–16L
Plastic DIP
TA = – 40° to +85°C
MC34066P
MC33066DW
MC33066P
1
MOTOROLA ANALOG IC DEVICE DATA
High Performance
Resonant Mode Controllers
The MC34066/MC33066 are high performance resonant mode
controllers designed for off–line and dc–to–dc converter applications that
utilize frequency modulated constant on–time or constant off–time control.
These integrated circuits feature a variable frequency oscillator with
programmable deadtime, precision retriggerable one–shot timer,
temperature compensated reference, high gain wide–bandwidth error
amplifier with a precision output clamp, steering flip–flop, and dual high
current totem pole outputs ideally suited for driving power MOSFETs.
Also included are protective features consisting of a high speed fault
comparator and latch, programmable soft–start circuitry, input undervoltage
lockout with selectable thresholds, and reference undervoltage lockout.
These devices are available in dual–in–line and surface mount packages.
Variable Frequency Oscillator with a Control Range Exceeding 1000:1
Programmable Oscillator Deadtime Allows Constant Off–Time Operation
Precision Retriggerable One–Shot Timer
Internally Trimmed Bandgap Reference
5.0 MHz Error Amplifier with Precision Output Clamp
Dual High Current Totem Pole Outputs
Selectable Undervoltage Lockout Thresholds with Hysteresis
Enable Input
Programmable Soft–Start Circuitry
Low Startup Current for Off–Line Operation
Simplified Block Diagram
15
9
1
2
3
16
6
8
7
11
VCC
Enable/
UVLO Adjust
Osc
Deadtime
Osc RC
Osc Control
Current
One–Shot RC
Error Amp
Out
Error Amp +
Error Amp –
CSoft–Start
VCC UVLO
Reference
Regulator
Vref UVLO
Variable
Frequency
Oscillator
One–Shot
Error Amp
Clamp
Error
Amplifier
Soft–Start
Steering
Flip–Flop
Aout
Bout
Fault–Detector/
Latch
5
4
14
12
13
10
Vref
Gnd
Drive
Output A
Drive
Output B
Drive Gnd
Fault Input
© Motorola, Inc. 1996
Rev 1


Số phần tương tự - MC33066P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33066P ONSEMI-MC33066P Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
More results

Mô tả tương tự - MC33066P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com