công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR751FXX bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STR751FXX
Giải thích chi tiết về linh kiện  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR751FXX bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STR751FXX Datasheet HTML 7Page - STMicroelectronics STR751FXX Datasheet HTML 8Page - STMicroelectronics STR751FXX Datasheet HTML 9Page - STMicroelectronics STR751FXX Datasheet HTML 10Page - STMicroelectronics STR751FXX Datasheet HTML 11Page - STMicroelectronics STR751FXX Datasheet HTML 12Page - STMicroelectronics STR751FXX Datasheet HTML 13Page - STMicroelectronics STR751FXX Datasheet HTML 14Page - STMicroelectronics STR751FXX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Introduction
11/81
3.2
Block Diagram
Figure 1.
STR750 block diagram
P0[31:0]
EXT.IT
WATCHDOG
NESTED
10-bit ADC
JTAG & ICE-RT
ARM7TDMI-S
16AF
JTDI
JTCK
JTMS
NJTRST
JTDO
NRSTIN
NRSTOUT
V18
VDD_IO
15AF
VDDA_ADC
VSSA_ADC
P1[19:0]
APB
BRIDGE
USB Full Speed
USBDP
USBDM
MOSI,MISO,
UART0
RX,TX,CTS,
SERIAL MEMORY
SRAM 16KB
RX,TX,CTS,
FIFO
2x(16x8bit)
UART1
FIFO
2x(16x8bit)
SSP1
FIFO
2x(8x16bit)
WAKEUP
4 CS as AF
GPIO PORT 0
GPIO PORT 1
60MHz
V18BKP
MOSI,MISO,
SSP0
FIFO
2x(8x16bit)
SCL,SDA
I2C
RX,TX,CTS,
UART2
FIFO
2x(16x8bit)
TEST
GP DMA
2xICAP, 2xOCMP
2xICAP, 2xOCMP
2xICAP, 2xOCMP
XT1
XT2
RTC_XT1
RTC_XT2
PLL
APB (up to 32 MHz)
VDDA_PLL
VSSA_PLL
CK_USB
CK_RTC
as AF
as AF
as AF
as AF
RTS as AF
RTS as AF
as AF
as AF
as AF
FLASH 256KB
DC-DC
3.3V TO 1.8V
VCORE
VDD_IO
RESET &
POWER
MAIN
VSS
RTC
as AF
Arbiter
PWM1, PWM1N
PWM2, PWM2N
PWM3, PWM3N
PWM_EMERGENCY
as AF
+16KB (RWW)
SCLK, MOSI
MISO as AF
4 streams
CPU
INTERFACE
P2[19:0]
GPIO PORT 2
AF: alternate function on I/O port pin
Note: I/Os shown for 100 pin devices. 64-pin devices have the I/O set shown in Figure 3.
CAN 2.0B
RX,TX
as AF
SCK,NSS
SCK,NSS
TB TIMER
RTS
TIM0 TIMER
TIM1 TIMER
TIM2 TIMER
PWM TIMER
CK_SYS
AHB
AHB
INTERRUPT CTL
OSC
32xIRQ
2xFIQ
VBACKUP
VDDA_ADC
VDDA_PLL
LOW POWER
HRESETN
PRESETN
PCLK
HCLK
4M
OSC
32K
LP
OSC
FREE
OSC
CLOCK
MANAGE-
MENT
BOOT0
BOOT1,
as AF


Số phần tương tự - STR751FXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STR751FXX STMICROELECTRONICS-STR751FXX Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR751FXX STMICROELECTRONICS-STR751FXX Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
More results

Mô tả tương tự - STR751FXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750F STMICROELECTRONICS-STR750F Datasheet
1Mb / 73P
   ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com