công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5215CY5 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS5215CY5
Giải thích chi tiết về linh kiện  300mA Low Noise LDO Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215CY5 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5215CY5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215CY5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215CY5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215CY5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215CY5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215CY5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215CY5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS5215 series
1-1
2006/01 rev. C
Pin Assignment
SOT-25
SOT-89-5L
SOP-8
Pin Configuration
Pin Description
3
3
1
Enable
TTL/COMS compatible input. Logic high is
enable; logic low or open is shutdown
1
4
2
Input
Unregulated input: +16V maximum supply
2
2
5,6,7,8
Ground
Ground: Ground pin and TAB/heatsink are
internally connected.
5
5
3
Output
Regulator output
By Pass
(fixed voltage)
A 470uF capacitor (Cbypass) connected from
Bypass to Ground quiets this reference
4
1
4
Feed Back
(adjustable)
Adjustment input: Feedback input. Connect to
resistive voltage-divider network. (Vout<8V)
TS5215
300mA Low Noise LDO Voltage Regulator with Enable
Low Power Consumption
Low Drop Out Voltage 0.35V
Fixed and Adjustable Output
Enable Shutdown
General Description
The TS5215 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically
17mV at light loads and 350mV at 300mA), and very low power consumption (125uA at 100uA), providing high output
current even when the application requires very low dropout voltage. The Chip Enable (CE) includes a CMOS or TTL
compatible input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops
nearly to zero.
The TS5215 series is included a precision voltage reference, error correction circuit, a current limited output driver,
over temperature shutdown, revered battery protection and a reference bypass pin to improve its already excellent
low-noise performance.
The TS5215 series is available in fixed and adjustable output voltage version in SOT-25, SOT-89-5L and SOP-8
package.
Features
Ultra low noise output.
Low dropout voltage
Low power consumption
“Zero” off-mode current
Logic controlled electronic enable
Internal current limit and Thermal shutdown protection
Applications
Cellular telephones
Palmtops, notebook computers
Battery powered equipment
Consumer and personal electronics
SMPS post regulator and DC to DC modules
High-efficiency linear power supplies
Ordering Information
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
30= 3.0V
25= 2.5V.
Leave blank for adjustable version.
Contact factory for additional voltage options.
Part No.
Operating Temp.
Package
TS5215CSxx
SOP-8
TS5215CY5xx
SOT-89-5L
TS5215CX5xx
-40 ~ +125
oC
SOT-25


Số phần tương tự - TS5215CY5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5215CY525 TSC-TS5215CY525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY5RM TSC-TS5215CY5RM Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results

Mô tả tương tự - TS5215CY5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS50 TSC-TS5215CS50 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY525 TSC-TS5215CY525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_08 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com