công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3842BCS bảng dữ liệu(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS3842BCS
Giải thích chi tiết về linh kiện  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3842BCS bảng dữ liệu(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS3842BCS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Undervoltage Lockout
Two undervoltage lockout comparators have been incorporated to guarantee that the IC is fully
functional before the output stage is enabled. The positive power supply terminal (Vcc) and the
reference output (Vref) are each monitored by separate comparators. Each has built-in hysteresis
to prevent erratic output behavior as their respective thresholds are crossed. The large hysteresis
and low start-up current of the TS3842B makes it ideally suited in off-line converter applications
where efficient bootstrap start-up technique (Figure 33). 36V zener is connected as a shunt
regulator from Vcc to ground. Its purpose is to protect the IC from excessive voltage that can
occur during system start-up. The minimum operating voltage for the TS3842B is 11V.
Output
These devices contain a single totem pole output stage that was specifically designed for direct
drive of power MOSFET’s. It is capable of up to ±1.0A peak drive current and has a typical rise and
fall time of 50 ns with a 1.0nF load. Additional internal circuitry has been added to keep the output
in a sinking mode whenever an undervoltage lockout is active. This characteristic eliminates the
need for an external pull-down resistor.
The SOP-8 surface mount package provides separate pins for Vc(output supply) and Power Ground.
Proper implementation will significantly reduce the level of switching transient noise imposed on
the control circuitry. This becomes particularly useful when reducing the Ipk(max) clamp level.
The separate Vc supply input allows the designer added flexibility in tailling the drive voltage
independent of Vcc. A zener clamp is typically connected to this input when driving power MOSFETs
in systems where Vcc is greater than 20V. Figure 25 shows proper power and control ground
connections in a current sensing power MOSFET application.
Reference
The 5.0V bandgap reference is trimmed to ±2.0% on the TS3842B. Its primary purpose to supply
charging current to the oscillator timing capacitor. The reference has short circuit protection and
is capable of providing in excess of 20mA for powering additional control system circuitry.
Design Considerations
Do not attempt to construct the converter on wire wrap or plug-in prototype boards.
High frequency circuit layout techniques are imperative to prevent pulsewidth jitter. This is usually
caused by excessive noise pick-up imposed on the Current Sense or Voltage Feedback inputs.
Noise immunity can be improved by lowering circuit impedances at these points. The printed
circuit layout should contain a ground plane with low-current signal and high-current switch and
output grounds returning separate paths back to the input filter capacitor. Ceramic bypass capacitors
(0.1
µF) connected directly to Vcc,Vc, and Vref may be required depending upon circuit layout.


Số phần tương tự - TS3842BCS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS3842BCS ETC-TS3842BCS Datasheet
521Kb / 20P
   High Performance Current Mode Controller
More results

Mô tả tương tự - TS3842BCS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com