công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS432ACY bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
TS432ACY bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 7 page TS432/A/B 2-7 2003/12 rev. A Absolute Maximum Rating Cathode Voltage (Note 1) Vka 20 V Continuous Cathode Current Range Ik -10 ~ 200 mA Reference Input Current Range Iref 10 mA Power Dissipation (Note 2, 3) TO-92 TO-89 SOT-23 / SOT-25 Pd 0.625 0.5 0.3 W Operating Junction Temperature Range Tj 0 ~ +125 oC Storage Temperature Range TSTG -65 ~ +150 oC Note 1: Voltage values are with respect to the anode terminal unless otherwise noted. Note 2: Tj Max = 150 oC Note 3: Rating apply to ambient temperature at 25 oC Recommend Operating Condition Cathode Voltage Range Vka Ref ~ 18 V Cathode Current Range (for regulation) Ik 1 ~ 100 mA Electrical Characteristics (Ta=25 oC, unless otherwise specified.) Parameter Symbo Test Conditions Min Typ Max Unit TS432 TS432A Reference voltage TS432B Vref Vka =Vref, Ik=10mA (Figure 1) 1.215 1.227 1.233 1.240 1.264 1.252 1.246 V Deviation of reference input voltage, over temp. (Note 4) Vref Ta = full range Vka =Vref, Ik=10mA (Figure 1) -- 5 20 mV Reference Input current Iref R1=10KΩ, R2= ∞ , Ika=10mA (Figure 2) -- 0.15 4.0 uA Radio of change in Vref to change in cathode Voltage ∆Vref / ∆Vka Ika=10mA, Vka = 18V to Vref (Figure 2) -- -1.0 -2.7 mV/V Deviation of reference input current, over temp. Iref(DEV) Ta= full range R1=10KΩ, R2= ∞ , Ika=10mA (Figure 2) -- 0.1 4.0 uA Minimum operating cathode current Ika(min) Vka=Vref (Figure 1) -- 60 200 uA Off-state Cathode Current Ioff Vref=0V (Figure 3) Vka=18V -- 0.5 2.0 uA Dynamic Output Impedance |Zka| f<1KHz, Vka=Vref Ika=100uA to 15mA (Figure 1) -- 0.2 0.5 Ω |
Số phần tương tự - TS432ACY |
|
Mô tả tương tự - TS432ACY |