công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS10B02G bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS10B02G
Giải thích chi tiết về linh kiện  Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10B02G bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS10B02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10B02G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 702 -
Version: B07
TS10B01G - TS10B07G
Single Phase 10.0 Amps.
Glass Passivated Bridge Rectifiers
TS4B
.118(3.0)X45
0
.043(1.1)
.035(0.9)
.087(2.2)
.071(1.8)
.303(7.7)
.287(7.3)
.030(0.75)
.022(0.55)
.709(18)
.669(17)
.068(1.73)
.060(1.52)
.176(4.37)
.156(3.96)
.147(3.7)
.130(3.3)
.602(15.3)
.579(14.7)
.134(3.4)
.122(3.1)
.996(25.3)
.972(24.7)
.366(9.3)
.382(9.7)
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Surge overload rating to 150 amperes peak
High case dielectric strength of 2000VRMS
Isolated voltage from case to lead over 2500
volts.
High temperature soldering guaranteed:
260
oC / 10 seconds / 0.375”(9.5mm) lead length
at 5 lbs (2.3Kg) tension
Mechanical Data
Case: Molded plastic
Terminals: Leads solderable per MIL-
STD-750 Method 2026
Weight: 0.15 ounce, 4 grams
Mounting torque: 5 in. lbs. max.
M
aximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol TS10B
01G
TS10B
02G
TS10B
03G
TS10B
04G
TS10B
05G
TS10B
06G
TS10B
07G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 2
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 5.0A
@ 10A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Thermal Resistance (Note)
RθJC
1.4
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Note: Thermal Resistance from Junction to Case with Device Mounted on 75mm x 75mm x 1.6mm
Cu Plate Heatsink.


Số phần tương tự - TS10B02G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS10B02G TSC-TS10B02G Datasheet
194Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10B02G TSC-TS10B02G Datasheet
132Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B02G TSC-TS10B02G Datasheet
218Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10B02G TSC-TS10B02G Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Mô tả tương tự - TS10B02G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G Datasheet
50Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_1 Datasheet
192Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBJ10005 BYTESONIC-GBJ10005 Datasheet
547Kb / 2P
   SINGLE PHASE 10.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_10 Datasheet
132Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G_09 Datasheet
194Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G_11 Datasheet
138Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_10 Datasheet
531Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_09 Datasheet
167Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1000G JGD-KBPC1000G Datasheet
125Kb / 2P
   SINGLE PHASE 10.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com