công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW41415 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STW41415
Giải thích chi tiết về linh kiện  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41415 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STW41415 Datasheet HTML 6Page - STMicroelectronics STW41415 Datasheet HTML 7Page - STMicroelectronics STW41415 Datasheet HTML 8Page - STMicroelectronics STW41415 Datasheet HTML 9Page - STMicroelectronics STW41415 Datasheet HTML 10Page - STMicroelectronics STW41415 Datasheet HTML 11Page - STMicroelectronics STW41415 Datasheet HTML 12Page - STMicroelectronics STW41415 Datasheet HTML 13Page - STMicroelectronics STW41415 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
STw4141
10/30
2.4
Dynamic electrical characteristics
Characteristics measured over recommended operating conditions unless otherwise is
noted.
All typical values are referred to TA = 25°C, PVDD = 3.6V, VDD = 3.6V.
Auto functions
VAUTOH
Voltage selection
threshold high
0.9
V
VAUTOL
Voltage selection
threshold low
0.4
V
State functions
VSTATEH
Voltage selection
threshold high
RLmax = 100k, CLmax = 10pF
0.7VOUT1
V
VSTATEL
Voltage selection
threshold low
RLmax = 100k, CLmax = 10pF
0.3 VOUT1
V
1.
. This condition must always be valid.
2.
Output voltage accuracy excludes line and load transients
Table 4.
DC electrical characteristics (continued)
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
VOUT1
VOUT2
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
fSW
Switching frequency
900
kHz
fSYNC
Sync mode frequency
600
1500
kHz
Ts
Settling time (soft start)
400
µs
TS2
Settling time
VOUT2 (reduced)/VOUT2
VSEL change from GND to VDD
80
µs


Số phần tương tự - STW41415

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW41415 STMICROELECTRONICS-STW41415 Datasheet
554Kb / 27P
   Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
STW41415 STMICROELECTRONICS-STW41415 Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW41415/T STMICROELECTRONICS-STW41415/T Datasheet
554Kb / 27P
   Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
STW41415/T STMICROELECTRONICS-STW41415/T Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
More results

Mô tả tương tự - STW41415

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW4141 STMICROELECTRONICS-STW4141 Datasheet
554Kb / 27P
   Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
STW4141_0606 STMICROELECTRONICS-STW4141_0606 Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
MAX1775 MAXIM-MAX1775 Datasheet
290Kb / 15P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
19-1811; Rev 1; 8/01
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com