công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72321J7T6 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện ST72321J7T6
Giải thích chi tiết về linh kiện  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7T6 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button ST72321J7T6 Datasheet HTML 6Page - STMicroelectronics ST72321J7T6 Datasheet HTML 7Page - STMicroelectronics ST72321J7T6 Datasheet HTML 8Page - STMicroelectronics ST72321J7T6 Datasheet HTML 9Page - STMicroelectronics ST72321J7T6 Datasheet HTML 10Page - STMicroelectronics ST72321J7T6 Datasheet HTML 11Page - STMicroelectronics ST72321J7T6 Datasheet HTML 12Page - STMicroelectronics ST72321J7T6 Datasheet HTML 13Page - STMicroelectronics ST72321J7T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 189 page
background image
ST72321
10/189
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to See “ELECTRICAL CHARACTERISTICS” on page 138.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD
CT= CMOS 0.3VDD/0.7VDD with input trigger
TT= TTL 0.8V / 2V with Schmitt trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain 2), PP = push-pull
Refer to “I/O PORTS” on page 46 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
1-
PE4 (HS)
I/O CT HS
X
XX
X
Port E4
2-
PE5 (HS)
I/O CT HS
X
XX
X
Port E5
3-
PE6 (HS)
I/O CT HS
X
XX
X
Port E6
4-
PE7 (HS)
I/O CT HS
X
XX
X
Port E7
52
PB0/PWM3
I/O CT
X
ei2
X
X
Port B0
PWM Output 3
63
PB1/PWM2
I/O CT
X
ei2
X
X
Port B1
PWM Output 2
74
PB2/PWM1
I/O CT
X
ei2
X
X
Port B2
PWM Output 1
85
PB3/PWM0
I/O CT
X
ei2
X
X
Port B3
PWM Output 0
9
6
PB4 (HS)/ARTCLK
I/O CT HS
X
ei3
X
X
Port B4
PWM-ART External Clock
10
-
PB5 / ARTIC1
I/O CT
X
ei3
X
X
Port B5
PWM-ART Input Capture 1
11
-
PB6 / ARTIC2
I/O CT
X
ei3
X
X
Port B6
PWM-ART Input Capture 2
12
-
PB7
I/O CT
X
ei3
X
X
Port B7
13
7
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
14
8
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
15
9
PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC Analog Input 2
16
10
PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC Analog Input 3
17
11
PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4
18
12
PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC Analog Input 5
19
-
PD6/AIN6
I/O CT
X
X
X
X
X
Port D6
ADC Analog Input 6
20
-
PD7/AIN7
I/O CT
X
X
X
X
X
Port D7
ADC Analog Input 7
21
13
VAREF
I
Analog Reference Voltage for ADC
22
14
VSSA
S
Analog Ground Voltage
23
-
VDD_3
S
Digital Main Supply Voltage


Số phần tương tự - ST72321J7T6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72321J7 STMICROELECTRONICS-ST72321J7 Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72321J7 STMICROELECTRONICS-ST72321J7 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J7-Auto STMICROELECTRONICS-ST72321J7-Auto Datasheet
2Mb / 243P
   PLL for 2x frequency multiplication
August 2010 Rev 1
More results

Mô tả tương tự - ST72321J7T6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72F321 STMICROELECTRONICS-ST72F321 Datasheet
3Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
   64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72F521R6TA STMICROELECTRONICS-ST72F521R6TA Datasheet
3Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F521 STMICROELECTRONICS-ST72F521 Datasheet
4Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
   8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72325XX STMICROELECTRONICS-ST72325XX Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72321M6 STMICROELECTRONICS-ST72321M6 Datasheet
2Mb / 175P
   80-pin 8-bit MCU with 32 to 60 Kbytes Flash, ADC, five timers, SPI, SCI, I2C interface
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com