công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB312PD bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện SMB312PD
Giải thích chi tiết về linh kiện  Self-contained DC-operated Opposed Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SMB312PD bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

  SMB312PD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
page
7
MINI-BEAM
® Sensors SM31E/SM31R and SM31EL/SM31RL
Banner Engineering Corp. Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Mounting Brackets
SMB46S
Model
Description
Dimensions
• “S” bracket
• 14 ga 316 stainless steel
54 mm
(2.1 in)
CL
8 mm
(0.3 in)
16 mm
(0.6 in)
17 mm
(0.7 in)
34 mm
(1.3 in)
65 mm
(2.6 in)
27 mm
(1.1 in)
16 mm
(0.6 in)
2 mm
(.1 in)
6 mm
(0.2 in)
10 mm
(0.4 in)
5 mm (0.2 in)
(4x)
ø36 mm (1.4 in)
ø6.5 mm (0.26 in) (6x)
3.5 mm
(0.14 in)
15 mm
(0.6 in)
6 mm
(0.2 in)
65 mm
(2.6 in)
27 mm
(1.1 in)
2 mm
(.1 in)
16 mm
(0.6 in)
70 mm
(2.8 in)
54 mm
(2.1 in)
CL
8 mm
(0.3 in)
16 mm
(0.6 in)
17 mm
(0.7 in)
34 mm
(1.3 in)
6 mm
(0.2 in)
13 mm
(0.5 in)
5 mm (0.2 in)
(4x)
ø36 mm (1.4 in)
ø6.5 mm (0.26 in) (6x)
3.5 mm
(0.14 in)
15 mm
(0.6 in)
6 mm
(0.2 in)
SMB46U
• “U” bracket
• 14 ga 316 stainless steel
40.0 mm
(1.60 in)
42.4 mm
(1.67 in)
30.0 mm
(1.18 in)
2.5 mm
(0.10 in)
21.1 mm
(0.83 in)
Nut Plate
M5 x 0.8
x 60 mm
Screw (2)
13 mm
(0.5 in)
14.0 mm
(0.55 in)
SMB18C
• 18 mm split clamp black
thermoplastic polyester
bracket
• Stainless steel mounting
hardware included
36.0 mm
(1.42")
50.8 mm
(2.00")
42.0 mm
(1.65")
22.9 mm
(0.9")
25.4 mm
(1.00")
10.6 mm
(0.42")
M18 x 1
internal
thread
SMB18SF
• 18 mm swivel bracket
• Black thermoplastic polyester
• Includes stainless steel swivel
locking hardware


Số phần tương tự - SMB312PD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SMB312PD ETC2-SMB312PD Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
logo
Banner Engineering Corp...
SMB312PD BANNER-SMB312PD Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
More results

Mô tả tương tự - SMB312PD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com