công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5398S bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện 1N5398S
Giải thích chi tiết về linh kiện  1.5 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5398S bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N5398S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5398S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
1N5391S - 1N5399S
1.5 AMPS. Silicon Rectifiers
DO-41
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
1N
5391S
1N
5392S
1N
5393S
1N
5395S
1N
5397S
1N
5398S
1N
5399S
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 75
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.1
1.0
V
Maximum DC Reverse Current
@ TA=25
oC at Rated DC Blocking Voltage @
TA=125
oC
IR
5.0
50
uA
uA
Maximum Full Load Reverse Current, Full
Cycle Average .375”(9.5mm) Lead Length
@TA=75
oC
HTIR
30
uA
Typical Junction Capacitance
( Note 1 )
Cj
30
pF
Typical Thermal Resistance ( Note 2 )
RθJA
50
oC/W
Operating Temperature Range
TJ
-65 to +125
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Số phần tương tự - 1N5398S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
1N5398S DIODES-1N5398S Datasheet
58Kb / 2P
   1.5A RECTIFIER
DS28003 Rev. D-2
1N5398S DIODES-1N5398S Datasheet
64Kb / 3P
   1.5A RECTIFIER
DS28003 Rev. 6 - 2
logo
Taiwan Semiconductor Co...
1N5398S TSC-1N5398S Datasheet
66Kb / 2P
   1.5 AMPS. Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5398S SEMTECH_ELEC-1N5398S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5398S TSC-1N5398S Datasheet
452Kb / 2P
   1.5 AMPS. Silicon Rectifiers
More results

Mô tả tương tự - 1N5398S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
1N5391S TSC-1N5391S_10 Datasheet
452Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5391 TSC-1N5391 Datasheet
239Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5391S TSC-1N5391S Datasheet
66Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5391 TSC-1N5391_10 Datasheet
516Kb / 2P
   1.5 AMPS. Silicon Rectifiers
logo
Daya Electric Group Co....
1N5391 DAYA-1N5391 Datasheet
164Kb / 2P
   1.5 AMPS. Silicon Rectifiers
logo
Jinan Gude Electronic D...
W005M JGD-W005M Datasheet
125Kb / 2P
   SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
W005 TSC-W005_1 Datasheet
259Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
W005M TSC-W005M Datasheet
74Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
W005M TSC-W005M_1 Datasheet
265Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
logo
Surge Components
W005 SURGE-W005 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com