công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S-1112B52PI-L7LTFG bảng dữ liệu(PDF) 5 Page - Seiko Instruments Inc |
|
S-1112B52PI-L7LTFG bảng dữ liệu(HTML) 5 Page - Seiko Instruments Inc |
5 / 29 page HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.5.0_00 S-1112/1122 Series Seiko Instruments Inc. 5 3. Product name (S-1122 Series) S-1122 x xx MC - xxx TF G IC direction in tape specifications *1 Product name (abbreviation) *2 Package name (abbreviation) MC: SOT-23-5 Output voltage 15 to 55 (E.g., when the output voltage is 1.5 V, it is expressed as 15.) Product type *3 A: ON/OFF pin negative logic B: ON/OFF pin positive logic *1. Refer to the taping specifications at the end of this book. *2. Refer to the product name list. *3. Refer to 3. Shutdown pin (ON/OFF pin) under the Operation. |
Số phần tương tự - S-1112B52PI-L7LTFG |
|
Mô tả tương tự - S-1112B52PI-L7LTFG |