công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS20015M bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện SS20015M
Giải thích chi tiết về linh kiện  Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS20015M bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  SS20015M Datasheet HTML 1Page - Sanyo Semicon Device SS20015M Datasheet HTML 2Page - Sanyo Semicon Device SS20015M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS20015M
No. A0197-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Small switching noise.
Low forward voltage (IF=2A, VF max=0.43V).
Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
15
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
15
V
Average Output Current
IO
Mounted on a ceramic board (500mm2!0.8mm)
2.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=3mA
15
V
Forward Voltage
VF
IF=2.0A
0.44
V
Reverse Current
IR
VR=6V
325
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
27
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (500mm2!0.8mm)
70
°C / W
Marking : SP
Ordering number : ENA0197
72606 / 33006SB MS IM TB-00002128
SS20015M
Low VF Schottky Barrier Diode
15V, 2.0A Rectifier
SANYO Semiconductors
DATA SHEET
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Số phần tương tự - SS20015M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
SS200 RECTRON-SS200 Datasheet
249Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
logo
ON Semiconductor
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M ONSEMI-SS2003M Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
More results

Mô tả tương tự - SS20015M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBE817 SANYO-SBE817 Datasheet
59Kb / 4P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L Datasheet
88Kb / 3P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
   2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
DFLS240LQ DIODES-DFLS240LQ_15 Datasheet
212Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L_15 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER PowerDI짰123
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com