công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SB10015M bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện SB10015M
Giải thích chi tiết về linh kiện  Low IR Schottky Barrier Diode 15V, 1.0A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10015M bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  SB10015M Datasheet HTML 1Page - Sanyo Semicon Device SB10015M Datasheet HTML 2Page - Sanyo Semicon Device SB10015M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB10015M
No. A0444-3/3
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
PS
IT11208
20
0
0.4
0.2
0.6
0
0.8
1.0
1.2
40
60
80
100
120
140
160
(1)
(2)
(3)
(4)
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
ID00435
IFSM -- t
IS
20ms
t
Current waveform 50Hz sine wave
Time, t -- s
Reverse Voltage, VR -- V
C -- VR
0.1
2
10
100
2
3
5
2
3
5
7
35
7
1.0
23
5
2
3
7
10
IT10275
Average Output Current, IO -- A
Tc -- IO
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
180
°
360
°
Rectangular
wave
Sine
wave
*When mounted in reliability
operaion board,
Rth(J-a)=183.67
°C/W
This catalog provides information as of November, 2006. Specifications and information herein are subject
to change without notice.


Số phần tương tự - SB10015M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SB10015M ONSEMI-SB10015M Datasheet
748Kb / 4P
   Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB10015M-TL-E SANYO-SB10015M-TL-E Datasheet
475Kb / 6P
   15V, 1.0A Rectifi er
logo
ON Semiconductor
SB10015M-TL-E ONSEMI-SB10015M-TL-E Datasheet
748Kb / 4P
   Schottky Barrier Diode
June, 2014
SB10015M-TL-W ONSEMI-SB10015M-TL-W Datasheet
748Kb / 4P
   Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB10015M SANYO-SB10015M_12 Datasheet
475Kb / 6P
   15V, 1.0A Rectifi er
More results

Mô tả tương tự - SB10015M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBE817 SANYO-SBE817 Datasheet
59Kb / 4P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS011 SANYO-SBS011 Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 150mA Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com