công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH5834 bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện MCH5834
Giải thích chi tiết về linh kiện  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH5834 bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  MCH5834 Datasheet HTML 1Page - Sanyo Semicon Device MCH5834 Datasheet HTML 2Page - Sanyo Semicon Device MCH5834 Datasheet HTML 3Page - Sanyo Semicon Device MCH5834 Datasheet HTML 4Page - Sanyo Semicon Device MCH5834 Datasheet HTML 5Page - Sanyo Semicon Device MCH5834 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCH5834
No. A0558-2/6
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[MOSFET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=8V, VDS=0V
1
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=100µA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=350mA
0.45
0.8
S
RDS(on)1
ID=350mA, VGS=4V
0.7
0.9
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=200mA, VGS=2.5V
0.8
1.15
RDS(on)3
ID=10mA, VGS=1.5V
1.6
2.4
Input Capacitance
Ciss
VDS=10V, f=1MHz
30
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
7
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
3.5
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8
ns
Rise Time
tr
See specified Test Circuit.
6
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
10
ns
Fall Time
tf
See specified Test Circuit.
8
ns
Total Gate Charge
Qg
VDS=10V, VGS=4V, ID=700mA
1
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4V, ID=700mA
0.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4V, ID=700mA
0.2
nC
Diode Forward Voltage
VSD
IS=700mA, VGS=0V
0.93
1.2
V
[SBD]
Reverse Voltage
VR
IR=0.5mA
15
V
Forward Voltage
VF1IF=0.3A
0.37
0.42
V
VF2IF=0.5A
0.42
0.47
V
Reverse Current
IR
VR=15V
120
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
13
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Package Dimensions
Electrical Connection
unit : mm (typ)
7021A-008
5
2
4
13
1 : Gate
2 : Source
3 : Anode
4 : Cathode
5 : Drain
Top view
1 : Gate
2 : Source
3 : Anode
4 : Cathode
5 : Drain
SANYO : MCPH5
2.0
0.3
0.65
0.15
0 to 0.02
54
12
3
54
12
3


Số phần tương tự - MCH5834

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH5836 SANYO-MCH5836 Datasheet
68Kb / 6P
   MOSFET : P-Channel Silicon MOSFET OSFET General-Purpose Switching Device Applications
MCH5837 SANYO-MCH5837 Datasheet
67Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
logo
ON Semiconductor
MCH5839 ONSEMI-MCH5839 Datasheet
675Kb / 6P
   Single P-Channel Power MOSFET
August 2015 - Rev. 1
MCH5839-TL-H ONSEMI-MCH5839-TL-H Datasheet
675Kb / 6P
   Single P-Channel Power MOSFET
August 2015 - Rev. 1
MCH5839-TL-W ONSEMI-MCH5839-TL-W Datasheet
675Kb / 6P
   Single P-Channel Power MOSFET
August 2015 - Rev. 1
More results

Mô tả tương tự - MCH5834

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
CPH5824 SANYO-CPH5824 Datasheet
47Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5812 SANYO-MCH5812 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5811 SANYO-MCH5811 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
VEC2820 SANYO-VEC2820 Datasheet
67Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5856 SANYO-CPH5856 Datasheet
71Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5826 SANYO-CPH5826 Datasheet
50Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5863 SANYO-CPH5863 Datasheet
65Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2808 SANYO-SCH2808 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2816 SANYO-SCH2816_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2819 SANYO-SCH2819 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com