công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC7942KD bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LC7942KD
Giải thích chi tiết về linh kiện  CMOS IC Dot-Matrix LCD Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7942KD bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LC7942KD Datasheet HTML 1Page - Sanyo Semicon Device LC7942KD Datasheet HTML 2Page - Sanyo Semicon Device LC7942KD Datasheet HTML 3Page - Sanyo Semicon Device LC7942KD Datasheet HTML 4Page - Sanyo Semicon Device LC7942KD Datasheet HTML 5Page - Sanyo Semicon Device LC7942KD Datasheet HTML 6Page - Sanyo Semicon Device LC7942KD Datasheet HTML 7Page - Sanyo Semicon Device LC7942KD Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N2206HKIM B8-8531 No.A0575-1/8
LC7942KD
Overview
The LC7942KD is a common driver LSI for driving large dot-matrix LCD displays. It features a built-in 64-bit
bidirectional shift register and a 4-level LCD driver. It can also be connected in cascade to increase the number of bits.
The LC7942KD is designed to be used with LC7940KD (QIP100D) or LC7941KDR (QIP100DR) segment drivers to
drive large LCD panels.
Features
• 64 built-in LCD display drive circuits
• 1/64 to 1/128 display duty cycle
• Input/outputs for cascade conection
• Bias supply voltages can be supplied externally
• Operating supply voltage and ambient temperature:
2.7 to 5.5V logic supply (VDD) at Ta = -20 to +85°C
8 to 20V LCD supply (VDD-VEE) at Ta = -20 to +85°C
• CMOS process
• package: QIP80D
Ordering number : ENA0575
CMOS IC
Dot-Matrix LCD Drivers
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Số phần tương tự - LC7942KD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7942 SANYO-LC7942 Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
More results

Mô tả tương tự - LC7942KD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
   Dot-matrix LCD Drivers
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
   Dot-matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
LC79430KNE ONSEMI-LC79430KNE Datasheet
120Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
logo
Integral Corp.
IZD1520 INTEGRAL-IZD1520 Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com